Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL8171FSZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # EL8171FSZ
Description  Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL8171FSZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  EL8171FSZ Datasheet HTML 1Page - Renesas Technology Corp EL8171FSZ Datasheet HTML 2Page - Renesas Technology Corp EL8171FSZ Datasheet HTML 3Page - Renesas Technology Corp EL8171FSZ Datasheet HTML 4Page - Renesas Technology Corp EL8171FSZ Datasheet HTML 5Page - Renesas Technology Corp EL8171FSZ Datasheet HTML 6Page - Renesas Technology Corp EL8171FSZ Datasheet HTML 7Page - Renesas Technology Corp EL8171FSZ Datasheet HTML 8Page - Renesas Technology Corp EL8171FSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
EL8171, EL8172
FN6293 Rev 6.00
Page 2 of 14
October 9, 2015
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage, V+ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V
Differential Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Differential Input Voltage (EL8172) . . . . . . . . . . . . . . . . . . . . . . 0.5V
Differential Input Voltage (EL8171) . . . . . . . . . . . . . . . . . . . . . . 1.0V
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3kV
Thermal Resistance
JA (°C/W)
8 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . .
122
Output Short-Circuit Duration . . . . . . . . . . . . . . . . . . . . . . .Indefinite
Ambient Operating Temperature . . . . . . . . . . . . . . .-40°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
V+ = +5V, V- = GND, VCM = 1/2V+, RL = Open, TA = +25°C, unless otherwise specified. Boldface limits apply
over the operating temperature range, -40°C to +125°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 1)
TYP
MAX
(Note 1)
UNIT
DC SPECIFICATIONS
VOS
Input Offset Voltage
EL8171
-1.5
-2
±0.47
1.5
2
mV
EL8172
-0.3
-0.7
±0.07
0.3
0.7
mV
TCVOS
Input Offset Voltage Temperature
Coefficient
EL8171
1.5
µV/°C
EL8172
0.14
µV/°C
IOS
Input Offset Current, ± IN, ± FB
-25
-500
±4
25
500
pA
pA
IB
Input Bias Current
-50
-4
±10
50
4
pA
nA
VIN
Input Voltage Range
Guaranteed by CMRR test
0
5
V
CMRR
Common Mode Rejection Ratio
VCM = 0V to +5V
75
100
dB
PSRR
Power Supply Rejection Ratio
EL8171, V+ = 2.4V to 5V
75
90
dB
EL8172, V+ = 2.4V to 5V
75
100
dB
EG
Gain Error
EL8171, RL = 100k to 2.5V
-0.7
±0.15
0.7
%
EL8172, RL = 100k to 2.5V
-1
-1.5
±0.2
+1
1.5
%
%
VOUT
Maximum Voltage Swing
Output low, 100k
 to 2.5V
4
10
10
mV
mV
Output low, 1k
 to 2.5V
0.13
0.2
0.25
V
V
Output high, 100k
 to 2.5V
4.985
4.980
4.996
V
V
Output high, 1k
 to GND
4.860
4.750
4.87
V
V
IS
Supply Current
45
38
65
95
110
µA
VSUPPLY
Supply Operating Range
V+ to V-
2.4
5.5
V
IO+
Output Source Current into 10
 to V+/2 V+ = 5V
23
19
32
mA
V+ = 2.4V
6
4.5
8mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com