Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL3175EIBZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL3175EIBZ
Description  짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL3175EIBZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL3175EIBZ Datasheet HTML 9Page - Renesas Technology Corp ISL3175EIBZ Datasheet HTML 10Page - Renesas Technology Corp ISL3175EIBZ Datasheet HTML 11Page - Renesas Technology Corp ISL3175EIBZ Datasheet HTML 12Page - Renesas Technology Corp ISL3175EIBZ Datasheet HTML 13Page - Renesas Technology Corp ISL3175EIBZ Datasheet HTML 14Page - Renesas Technology Corp ISL3175EIBZ Datasheet HTML 15Page - Renesas Technology Corp ISL3175EIBZ Datasheet HTML 16Page - Renesas Technology Corp ISL3175EIBZ Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
ISL3170E, ISL3171E, ISL3172E, ISL3173E, ISL3174E, ISL3175E, ISL3176E, ISL3177E, ISL3178E
FN6307 Rev.6.00
Page 13 of 21
Aug 31, 2017
AIR-GAP DISCHARGE TEST METHOD
For this test method, a charged probe tip moves toward the
IC pin until the voltage arcs to it. The current waveform
delivered to the IC pin depends on approach speed,
humidity, temperature, etc., so it is difficult to obtain
repeatable results. The ISL317XE RS-485 pins withstand
±15kV air-gap discharges.
CONTACT DISCHARGE TEST METHOD
During the contact discharge test, the probe contacts the
tested pin before the probe tip is energized, thereby
eliminating the variables associated with the air-gap
discharge. The result is a more repeatable and predictable
test, but equipment limits prevent testing devices at voltages
higher than
±8kV. The ISL317XE survive ±8kV contact
discharges on the RS-485 pins.
Data Rate, Cables, and Terminations
RS-485/422 are intended for network lengths up to 4000ft,
but the maximum system data rate decreases as the
transmission length increases. Devices operating at 20Mbps
are limited to lengths less than 100ft, while the 250kbps
versions can operate at full data rates with lengths of several
thousand feet.
Twisted pair is the cable of choice for RS-485/422 networks.
Twisted pair cables tend to pick up noise and other
electromagnetically induced voltages as common mode
signals, which are effectively rejected by the differential
receivers in these ICs.
Proper termination is imperative when using the 20Mbps
devices to minimize reflections. Short networks using the
250kbps versions do not need to be terminated, but
terminations are recommended unless power dissipation is
an overriding concern.
In point-to-point, or point-to-multipoint (single driver on bus)
networks, the main cable should be terminated in its
characteristic impedance (typically 120Ω) at the end farthest
from the driver. In multi-receiver applications, keep stubs
connecting receivers to the main cable as short as possible.
Multipoint (multi-driver) systems require that the main cable
be terminated in its characteristic impedance at both ends.
Keep stubs connecting a transceiver to the main cable as
short as possible.
Built-In Driver Overload Protection
As stated previously, the RS-485 spec requires that drivers
survive worst case bus contentions undamaged. These
devices meet this requirement via driver output short circuit
current limits, and on-chip thermal shutdown circuitry.
The driver output stages incorporate short circuit current
limiting circuitry which ensures that the output current never
exceeds the RS-485 spec, even at the common-mode
voltage range extremes. Additionally, these devices utilize a
foldback circuit which reduces the short circuit current, and
thus the power dissipation, whenever the contending voltage
exceeds either supply.
In the event of a major short circuit condition, devices use a
thermal shutdown feature that disables the drivers whenever
the die temperature becomes excessive. This eliminates the
power dissipation, allowing the die to cool. The drivers
automatically re-enable after the die temperature drops about
15°. If the contention persists, the thermal shutdown/re-enable
cycle repeats until the fault is cleared. Receivers stay
operational during thermal shutdown.
Low Power Shutdown Mode
These CMOS transceivers all use a fraction of the power
required by their bipolar counterparts, but some also include
a shutdown feature that reduces the already low quiescent
ICC to a 10nA trickle. These devices enter shutdown
whenever the receiver and driver are simultaneously
disabled (RE =VCC and DE = GND) for a period of at least
600ns. Disabling both the driver and the receiver for less
than 50ns guarantees that the transceiver will not enter
shutdown.
Note that receiver and driver enable times increase when the
transceiver enables from shutdown. Refer to Notes 9 through
13 at the end of the “Electrical Specifications table” on page 9,
for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com