Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL3175EIBZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL3175EIBZ
Description  짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL3175EIBZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL3175EIBZ Datasheet HTML 1Page - Renesas Technology Corp ISL3175EIBZ Datasheet HTML 2Page - Renesas Technology Corp ISL3175EIBZ Datasheet HTML 3Page - Renesas Technology Corp ISL3175EIBZ Datasheet HTML 4Page - Renesas Technology Corp ISL3175EIBZ Datasheet HTML 5Page - Renesas Technology Corp ISL3175EIBZ Datasheet HTML 6Page - Renesas Technology Corp ISL3175EIBZ Datasheet HTML 7Page - Renesas Technology Corp ISL3175EIBZ Datasheet HTML 8Page - Renesas Technology Corp ISL3175EIBZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
ISL3170E, ISL3171E, ISL3172E, ISL3173E, ISL3174E, ISL3175E, ISL3176E, ISL3177E, ISL3178E
FN6307 Rev.6.00
Page 2 of 21
Aug 31, 2017
Ordering Information
PART NUMBER (Notes 3, 4)
PART MARKING
TEMP. RANGE (°C)
PACKAGE (RoHS Compliant)
PKG. DWG. #
ISL3170EIBZ (Notes 1, 2)
3170EIBZ
-40 to +85
14 Ld SOIC
M14.15
ISL3170EIUZ (Note 1)
3170Z
-40 to +85
10 Ld MSOP
M10.118
ISL3171EIBZ (Notes 1, 2)
3171 EIBZ
-40 to +85
8 Ld SOIC
M8.15
ISL3171EIUZ (Note 1)
3171Z
-40 to +85
8 Ld MSOP
M8.118
ISL3172EIBZ (Notes 1, 2)
3172 EIBZ
-40 to +85
8 Ld SOIC
M8.15
ISL3172EIUZ (Note 1)
3172Z
-40 to +85
8 Ld MSOP
M8.118
ISL3173EIBZ (Note 1)
3173EIBZ
-40 to +85
14 Ld SOIC
M14.15
ISL3173EIUZ (Note 1)
3173Z
-40 to +85
10 Ld MSOP
M10.118
ISL3174EIBZ (Note 1)
3174 EIBZ
-40 to +85
8 Ld SOIC
M8.15
ISL3174EIUZ (Note 1)
3174Z
-40 to +85
8 Ld MSOP
M8.118
ISL3175EIBZ (Note 1)
3175 EIBZ
-40 to +85
8 Ld SOIC
M8.15
ISL3175EIUZ (Note 1)
3175Z
-40 to +85
8 Ld MSOP
M8.118
ISL3176EIBZ (Note 1)
3176EIBZ
-40 to +85
14 Ld SOIC
M14.15
ISL3176EIUZ (Notes 1, 2)
3176Z
-40 to +85
10 Ld MSOP
M10.118
ISL3177EIBZ (Note 1)
3177 EIBZ
-40 to +85
8 Ld SOIC
M8.15
ISL3177EIUZ (Note 1)
3177Z
-40 to +85
8 Ld MSOP
M8.118
ISL3178EIBZ (Notes 1, 2)
3178 EIBZ
-40 to +85
8 Ld SOIC
M8.15
ISL3178EIUZ (Note 1)
3178Z
-40 to +85
8 Ld MSOP
M8.118
NOTES:
1. Add “-T” suffix for 2.5k tape and reel options. Refer to TB347 for details on reel specifications.
2. Add “-T7A” suffix for 250 unit tape and reel options. Refer to TB347 for details on reel specifications.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
4. For Moisture Sensitivity Level (MSL), see the product information page for the ISL3170E, ISL3171E, ISL3172E, ISL3173E, ISL3174E, ISL3175E,
ISL3176E, ISL3177E, ISL3178E. For more information on MSL refer to TB363.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com