Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL3175EIBZ Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL3175EIBZ
Description  짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL3175EIBZ Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL3175EIBZ Datasheet HTML 13Page - Renesas Technology Corp ISL3175EIBZ Datasheet HTML 14Page - Renesas Technology Corp ISL3175EIBZ Datasheet HTML 15Page - Renesas Technology Corp ISL3175EIBZ Datasheet HTML 16Page - Renesas Technology Corp ISL3175EIBZ Datasheet HTML 17Page - Renesas Technology Corp ISL3175EIBZ Datasheet HTML 18Page - Renesas Technology Corp ISL3175EIBZ Datasheet HTML 19Page - Renesas Technology Corp ISL3175EIBZ Datasheet HTML 20Page - Renesas Technology Corp ISL3175EIBZ Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
ISL3170E, ISL3171E, ISL3172E, ISL3173E, ISL3174E, ISL3175E, ISL3176E, ISL3177E, ISL3178E
FN6307 Rev.6.00
Page 21 of 21
Aug 31, 2017
Package Outline Drawing
M14.15
14 LEAD NARROW BODY SMALL OUTLINE PLASTIC PACKAGE
Rev 1, 10/09
A
D
4
0.25
A-B
MC
C
0.10 C
5
B
D
3
0.10 A-B
C
4
0.20 C 2X
2X
0.10
D
C
2X
H
0.10 C
6
3
6
ID MARK
PIN NO.1
(0.35) x 45°
SEATING PLANE
GAUGE PLANE
0.25
(5.40)
(1.50)
1.27
0.31-0.51
4° ± 4°
DETAIL"A"
0.22±0.03
0.10-0.25
1.25 MIN
1.75 MAX
(1.27)
(0.6)
6.0
8.65
3.9
7
14
8
Dimensioning and tolerancing conform to AMSEY14.5m-1994.
Dimension does not include interlead flash or protrusions.
Dimensions in (
) for Reference Only.
Interlead flash or protrusions shall not exceed 0.25mm per side.
Datums A and B to be determined at Datum H.
4.
5.
3.
2.
Dimensions are in millimeters.
NOTES:
1.
The pin #1 indentifier may be either a mold or mark feature.
6. Does not include dambar protrusion. Allowable dambar protrusion
7. Reference to JEDEC MS-012-AB.
shall be 0.10mm total in excess of lead width at maximum condition.
DETAIL "A"
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
For the most recent package outline drawing, see M14.15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com