Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS17P Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BFS17P
Description  NPN Silicon RF Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFS17P Datasheet(HTML) 3 Page - Infineon Technologies AG

  BFS17P Datasheet HTML 1Page - Infineon Technologies AG BFS17P Datasheet HTML 2Page - Infineon Technologies AG BFS17P Datasheet HTML 3Page - Infineon Technologies AG BFS17P Datasheet HTML 4Page - Infineon Technologies AG BFS17P Datasheet HTML 5Page - Infineon Technologies AG BFS17P Datasheet HTML 6Page - Infineon Technologies AG BFS17P Datasheet HTML 7Page - Infineon Technologies AG BFS17P Datasheet HTML 8Page - Infineon Technologies AG BFS17P Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
1
Maximum Ratings
Table 1
Maximum Rating at TA = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
Note or Test Condition
Collector-emitter voltage
VCEO
15
V
–
Collector-base voltage
VCBO
25
–
Emitter-base voltage
VEBO
2.5
–
Collector current
IC
25
mA
–
Peak collector current
ICM
50
Total power dissipation 1)
Ptot
280
mW
TS ≤ 95 °C
Junction temperature
Tj
150
°C
–
Ambient temperature
TA
-65 ... 150
Storage temperature
TStg
-65 ... 150
–
2
Thermal Resistance
Table 2
Thermal resistance
Parameter
Symbol
Values
Unit
Note or Test Condition
Junction - soldering point
RthJS
≤ 195
K/W
–
Note:
For calculation of RthJA please refer to Application Note AN077 (Thermal Resistance Calculation)
1
TS is measured on the collector lead at the soldering point to the pcb
BFS17P
NPN Silicon RF Transistor
Maximum Ratings
Datasheet
3
Revision 1.1
2017-06-01



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com