Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS17P Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BFS17P
Description  NPN Silicon RF Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFS17P Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BFS17P Datasheet HTML 3Page - Infineon Technologies AG BFS17P Datasheet HTML 4Page - Infineon Technologies AG BFS17P Datasheet HTML 5Page - Infineon Technologies AG BFS17P Datasheet HTML 6Page - Infineon Technologies AG BFS17P Datasheet HTML 7Page - Infineon Technologies AG BFS17P Datasheet HTML 8Page - Infineon Technologies AG BFS17P Datasheet HTML 9Page - Infineon Technologies AG BFS17P Datasheet HTML 10Page - Infineon Technologies AG BFS17P Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
0
5
10
15
20
25
30
I
C
[mA]
20
40
60
80
100
120
140
160
Figure 5
Current gain hFE= f(IC), VCE = 8 V
0
5
10
15
20
[V]
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
C
CB
C
EB
V
CB
; V
EB
Figure 6
Collector-Base CCB=f(VCB); Emitter-Base Capacitance CEB=f(VEB)
BFS17P
NPN Silicon RF Transistor
Typical characteristics diagrams
Datasheet
7
Revision 1.1
2017-06-01



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com