Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS17P Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BFS17P
Description  NPN Silicon RF Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFS17P Datasheet(HTML) 1 Page - Infineon Technologies AG

  BFS17P Datasheet HTML 1Page - Infineon Technologies AG BFS17P Datasheet HTML 2Page - Infineon Technologies AG BFS17P Datasheet HTML 3Page - Infineon Technologies AG BFS17P Datasheet HTML 4Page - Infineon Technologies AG BFS17P Datasheet HTML 5Page - Infineon Technologies AG BFS17P Datasheet HTML 6Page - Infineon Technologies AG BFS17P Datasheet HTML 7Page - Infineon Technologies AG BFS17P Datasheet HTML 8Page - Infineon Technologies AG BFS17P Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
BFS17P
NPN Silicon RF Transistor
Features
•
Maximum collector-emitter voltage VCE0 = 15 V
•
Maximum collector current IC = 25 mA
•
Noise figure NF = 3.5 dB
•
3rd order output intercept point OIP3 = 21.5 dBm
•
1 dB output compression point P-1dB = 10 dBm
•
Transition frequency fT = 1.4 GHz
•
Maximum total power dissipation Ptot = 280 mW
•
Package: SOT23
•
Pb-free (RoHS compliant) package
Potential Applications
•
For broadband amplifiers up to 1 GHz at collector currents from 1 mA to 20 mA
•
For mixers and oscillators in sub-GHz applications
Device Information
ESD (Electrostatic discharge) sensitive device, observe handling precaution!
Type / Ordering code
Marking
Pin Configuration
Package
BFS17P / BFS17PE6327HTSA1
MCs
1=B
2=E
3=C
SOT23
Datasheet
Please read the Important Notice and Warnings at the end of this document
Revision 1.1
www.infineon.com
2017-06-01


Similar Part No. - BFS17P

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFS17P SIEMENS-BFS17P Datasheet
48Kb / 5P
NPN Silicon RF Transistor (For broadband amplifiers up to 1GHz at collector currents from 1mA to 20mA)
logo
Infineon Technologies A...
BFS17P INFINEON-BFS17P Datasheet
44Kb / 5P
NPN Silicon RF Transistor
Jul-12-2001
BFS17P INFINEON-BFS17P Datasheet
70Kb / 7P
NPN Silicon RF Transistor
2007-03-30
BFS17P INFINEON-BFS17P Datasheet
521Kb / 7P
NPN Silicon RF Transistor
2011-07-20
BFS17P INFINEON-BFS17P_07 Datasheet
70Kb / 7P
NPN Silicon RF Transistor
2007-03-30
More results

Similar Description - BFS17P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com