Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8211YRJZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8211YRJZ-R2
Description  High Voltage, Current Shunt Monitor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8211YRJZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD8211YRJZ-R2 Datasheet HTML 1Page - Analog Devices AD8211YRJZ-R2 Datasheet HTML 2Page - Analog Devices AD8211YRJZ-R2 Datasheet HTML 3Page - Analog Devices AD8211YRJZ-R2 Datasheet HTML 4Page - Analog Devices AD8211YRJZ-R2 Datasheet HTML 5Page - Analog Devices AD8211YRJZ-R2 Datasheet HTML 6Page - Analog Devices AD8211YRJZ-R2 Datasheet HTML 7Page - Analog Devices AD8211YRJZ-R2 Datasheet HTML 8Page - Analog Devices AD8211YRJZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
High Voltage,
Current Shunt Monitor
Data Sheet
AD8211
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2007–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Qualified for automotive applications
±4000 V human body model (HBM) electrostatic discharge (ESD)
High common-mode input voltage range: −2 V to +65 V
Continuous input voltage range: −3 V to +68 V
Buffered output voltage
Wide operating temperature range
5-lead SOT: −40°C to +125°C
Excellent ac and dc performance
5 µV/°C typical offset drift
−13 ppm/°C typical gain vs. temperature
120 dB typical common-mode rejection ratio (CMRR) at dc
APPLICATIONS
High-side current sensing
Motor controls
Transmission controls
Engine management
Suspension controls
Vehicle dynamic controls
DC-to-dc converters
FUNCTIONAL BLOCK DIAGRAM
VIN+
V+
OUT
G = +20
AD8211
A1
PROPRIETARY
OFFSET
CIRCUITRY
VIN–
GND
Figure 1.
GENERAL DESCRIPTION
The AD8211 is a high voltage, precision current shunt amplifier. It
features a set gain of 20 V/V, with a typical ±0.35% gain error
over the entire temperature range. The buffered output voltage
directly interfaces with any typical converter. Excellent common-
mode rejection from −2 V to +65 V is independent of the 5 V
supply. The AD8211 performs unidirectional current measurements
across a shunt resistor in a variety of industrial and automotive
applications, such as motor control, solenoid control, or battery
management.
Special circuitry is devoted to output linearity being maintained
throughout the input differential voltage range of 0 mV to 250 mV,
regardless of the common-mode voltage present. The AD8211
has an operating temperature range of −40°C to +125°C and is
offered in a small 5-lead SOT package.


Similar Part No. - AD8211YRJZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8211YRJZ-R2 AD-AD8211YRJZ-R2 Datasheet
309Kb / 16P
High Voltage Current Shunt Monitor
REV. A
AD8211YRJZ-R21 AD-AD8211YRJZ-R21 Datasheet
332Kb / 16P
High Voltage Current Shunt Monitor
REV. 0
More results

Similar Description - AD8211YRJZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8212 AD-AD8212 Datasheet
178Kb / 8P
High Voltage Current Shunt Monitor
AD8213 AD-AD8213 Datasheet
460Kb / 16P
Dual, High Voltage Current Shunt Monitor
5/07-Revision 0
AD8212 AD-AD8212_07 Datasheet
386Kb / 16P
High Voltage Current Shunt Monitor
REV. 0
AD8211 AD-AD8211 Datasheet
332Kb / 16P
High Voltage Current Shunt Monitor
REV. 0
AD8215 AD-AD8215_11 Datasheet
234Kb / 16P
High Voltage, Current Shunt Monitor
REV. A
AD8211WYRJZ-RL AD-AD8211WYRJZ-RL Datasheet
309Kb / 16P
High Voltage Current Shunt Monitor
REV. A
AD8212WYRMZ AD-AD8212WYRMZ Datasheet
335Kb / 16P
High Voltage Current Shunt Monitor
REV. B
AD8211 AD-AD8211_15 Datasheet
309Kb / 16P
High Voltage Current Shunt Monitor
REV. A
AD8212 AD-AD8212_17 Datasheet
371Kb / 13P
High Voltage Current Shunt Monitor
5/2017-Rev. B to Rev. C
AD8215 AD-AD8215_16 Datasheet
258Kb / 13P
High Voltage, Current Shunt Monitor
12/2016-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com