Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8211YRJZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8211YRJZ-R2
Description  High Voltage, Current Shunt Monitor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8211YRJZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8211YRJZ-R2 Datasheet HTML 5Page - Analog Devices AD8211YRJZ-R2 Datasheet HTML 6Page - Analog Devices AD8211YRJZ-R2 Datasheet HTML 7Page - Analog Devices AD8211YRJZ-R2 Datasheet HTML 8Page - Analog Devices AD8211YRJZ-R2 Datasheet HTML 9Page - Analog Devices AD8211YRJZ-R2 Datasheet HTML 10Page - Analog Devices AD8211YRJZ-R2 Datasheet HTML 11Page - Analog Devices AD8211YRJZ-R2 Datasheet HTML 12Page - Analog Devices AD8211YRJZ-R2 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Data Sheet
AD8211
Rev. C | Page 11 of 13
APPLICATION NOTES
OUTPUT LINEARITY
In all current sensing applications, and especially in automotive
and industrial environments where the common-mode voltage
can vary significantly, it is important that the current sensor
maintain the specified output linearity, regardless of the input
differential or common-mode voltage. The AD8211 contains
specific circuitry on the input stage, which ensures that even
when the differential input voltage is very small, and the
common-mode voltage is also low (below the 5 V supply),
the input-to-output linearity is maintained. Figure 24 shows
the input differential voltage vs. the corresponding output
voltage at different common modes.
200
0
0
DIFFERENTIAL INPUT VOLTAGE (mV)
10
180
160
140
120
100
80
60
40
20
1
2
3
4
5
6
7
8
9
IDEAL VOUT (mV)
VOUT (mV) @ VCM = 0V
VOUT (mV) @ VCM = 65V
Figure 24. Gain Linearity Due to Differential and Common-Mode Voltage
Regardless of the common mode voltage, the AD8211 provides
a correct output voltage when the input differential is at least
2 mV, which is due to the voltage range of the output amplifier
that can go as low as 33 mV typical. The specified minimum
output amplifier voltage is 100 mV to provide sufficient guard
bands. The ability of the AD8211 to work with very small
differential inputs, regardless of the common-mode voltage,
allows for additional dynamic range, accuracy, and flexibility in
any current sensing application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com