Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8211YRJZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8211YRJZ-R2
Description  High Voltage, Current Shunt Monitor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8211YRJZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8211YRJZ-R2 Datasheet HTML 5Page - Analog Devices AD8211YRJZ-R2 Datasheet HTML 6Page - Analog Devices AD8211YRJZ-R2 Datasheet HTML 7Page - Analog Devices AD8211YRJZ-R2 Datasheet HTML 8Page - Analog Devices AD8211YRJZ-R2 Datasheet HTML 9Page - Analog Devices AD8211YRJZ-R2 Datasheet HTML 10Page - Analog Devices AD8211YRJZ-R2 Datasheet HTML 11Page - Analog Devices AD8211YRJZ-R2 Datasheet HTML 12Page - Analog Devices AD8211YRJZ-R2 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AD8211
Data Sheet
Rev. C | Page 10 of 13
THEORY OF OPERATION
In typical applications, the AD8211 amplifies a small differential
input voltage generated by the load current flowing through a
shunt resistor. The AD8211 rejects high common-mode voltages
(up to 65 V) and provides a ground referenced, buffered output
that interfaces with an analog-to-digital converter (ADC).
Figure 23 shows a simplified schematic of the AD8211.
V+
VOUT = (ISHUNT × RSHUNT) × 20
G = +20
AD8211
A1
PROPRIETARY
OFFSET
CIRCUITRY
GND
R1
ROUT
Q1
R
ISHUNT
IIN
RSHUNT
Figure 23. Simplified Schematic
A load current flowing through the external shunt resistor
produces a voltage at the input terminals of the AD8211. The
input terminals connect to Amplifier A1 by Resistor R and
Resistor R1. The inverting terminal, which has very high input
impedance, is held to the following because negligible current
flows through Resistor R:
(VCM) − (ISHUNT × RSHUNT)
Amplifier A1 forces the noninverting input to the same potential.
Therefore, the current that flows through Resistor R1 is equal to
IIN = (ISHUNT × RSHUNT)/R1
This current (IIN) is converted back to a voltage via ROUT. The
output buffer amplifier has a gain of 20 V/V and offers excellent
accuracy because the internal gain setting resistors are precision
trimmed to within 0.01% matching. The resulting output voltage
is equal to
VOUT = (ISHUNT × RSHUNT) × 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com