Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APD340 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # APD340
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APD340 Datasheet(HTML) 4 Page - Diodes Incorporated

  APD340 Datasheet HTML 1Page - Diodes Incorporated APD340 Datasheet HTML 2Page - Diodes Incorporated APD340 Datasheet HTML 3Page - Diodes Incorporated APD340 Datasheet HTML 4Page - Diodes Incorporated APD340 Datasheet HTML 5Page - Diodes Incorporated APD340 Datasheet HTML 6Page - Diodes Incorporated APD340 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
APD340
Document number: DS36969 Rev. 3 - 2
4 of 7
www.diodes.com
April 2018
© Diodes Incorporated
APD340
Figure 1. Typical Instantaneous Forward Characteristics
Figure 2. Typical Reverse Characteristics
Figure 3. Typical Junction Capacitance
Figure 4. Maximum Non-Repetitive
Peak Forward Surge Current
Figure 5. Forward Current Derating Curves
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.1
1
10
Instantaneous Forward Voltage (V)
T
J
=25
oC
T
J
=125
oC
0
10
20
30
40
1
10
100
1000
10000
Peak Reverse Voltage (V)
T
J
=25
o
C
T
J
=125
o
C
0.1
1
10
10
100
Reverse Voltage (V)
T
J
=25
oC
f=1.0mHz
V
SIG
=50mVp-p
1
10
100
10
20
30
40
50
60
70
80
90
T
J
=T
J
(max)
Single Half Sine-wave
Number of Cycle at 60Hz
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Note 6
T
A
, Ambient Temperature (
oC)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com