Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APD340 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # APD340
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APD340 Datasheet(HTML) 2 Page - Diodes Incorporated

  APD340 Datasheet HTML 1Page - Diodes Incorporated APD340 Datasheet HTML 2Page - Diodes Incorporated APD340 Datasheet HTML 3Page - Diodes Incorporated APD340 Datasheet HTML 4Page - Diodes Incorporated APD340 Datasheet HTML 5Page - Diodes Incorporated APD340 Datasheet HTML 6Page - Diodes Incorporated APD340 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
APD340
Document number: DS36969 Rev. 3 - 2
2 of 7
www.diodes.com
April 2018
© Diodes Incorporated
APD340
Ordering Information
Packing
Package
Product Name
RoHS/Green
and Green
TR: Tape & Reel
G1 : RoHS Compliant
VR: DO-214AC
APD340 XX XX - XX
Package
Temperature
Range
Part Number
Marking ID
Packing
DO-214AC
-50 to +125°C
APD340VRTR-G1
340VRG
7500/Tape & Reel
Marking Information
(1) DO-214AC
(Top View)
YWWA
XXXXXX
First Line: Logo and Date Code
Y: Year
WW: Work Week of Molding
A: Assembly House Code
Second Line: Marking ID
(See Ordering Information)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com