Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APD340 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # APD340
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APD340 Datasheet(HTML) 3 Page - Diodes Incorporated

  APD340 Datasheet HTML 1Page - Diodes Incorporated APD340 Datasheet HTML 2Page - Diodes Incorporated APD340 Datasheet HTML 3Page - Diodes Incorporated APD340 Datasheet HTML 4Page - Diodes Incorporated APD340 Datasheet HTML 5Page - Diodes Incorporated APD340 Datasheet HTML 6Page - Diodes Incorporated APD340 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
APD340
Document number: DS36969 Rev. 3 - 2
3 of 7
www.diodes.com
April 2018
© Diodes Incorporated
APD340
Maximum Ratings (TA = +25°C, unless otherwise noted.) (Note 4)
Characteristic
Symbol
Rating
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
40
V
Maximum DC Blocking Voltage
VDC
40
V
Maximum RMS Voltage
VRMS
28
V
Average Rectified Forward Current
0.375” (9.5mm) Lead Length
IF(AV)
3.0
A
Non-repetitive Peak Forward Surge Current
8.3ms Single Half Sine-wave on Rated Load
IFSM
80
A
Operating Junction Temperature Range (Note 5)
TJ
-50 to +125
°C
Storage Temperature Range
TSTG
-50 to +150
°C
Notes:
4.
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
5. The heat generated must be less than the thermal conductivity from Junction to Ambient: dPD/dTJ < 1/θJA.
Thermal Characteristics (TA = +25°C, unless otherwise noted.)
Characteristic
Symbol
Rating
Unit
Typical Thermal Resistance
(Note 6)
RθJA
DO-214AC
75
°C/W
Note 6:
Device mounted on heat sink, with minimum recommended pad layout per http://www.diodes.com/package-outlines.html.
Electrical Characteristics (TA = +25°C, unless otherwise noted.)
Characteristic
Symbol
Rating
Unit
Test Condition
Forward Voltage @ IF = 3.0A
VF
0.5
V
—
Reverse Current @ Rated VR (Note 7)
IR
0.5
mA
TA = +25°C
10
TA = +100°C
Note 7:
Short duration pulse test used to minimize self-heating effect, Pulse Test: 300
μs pulse width, 1.0% duty cycle.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com