Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3GT-99C2-R Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # A3GT-99C2-R
Description  Lighted and non-lighted/convex versions
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A3GT-99C2-R Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button A3GT-99C2-R Datasheet HTML 2Page - Omron Electronics LLC A3GT-99C2-R Datasheet HTML 3Page - Omron Electronics LLC A3GT-99C2-R Datasheet HTML 4Page - Omron Electronics LLC A3GT-99C2-R Datasheet HTML 5Page - Omron Electronics LLC A3GT-99C2-R Datasheet HTML 6Page - Omron Electronics LLC A3GT-99C2-R Datasheet HTML 7Page - Omron Electronics LLC A3GT-99C2-R Datasheet HTML 8Page - Omron Electronics LLC A3GT-99C2-R Datasheet HTML 9Page - Omron Electronics LLC A3GT-99C2-R Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
A3G
A3G
Characteristic Data
s ASSEMBLED SWITCHES
Pushbutton unit color
LED - Lighted
Red, Yellow, Green, White
Incandescent lamp - Lighted
Red, Yellow, Green, White, Blue
Neon lamp - Lighted
Red, Green, White
Non-lighted/Convex
Red, Yellow, Green, White, Blue, Black
Switch unit color
Black
Contact form
Pushbutton, Key, Selector
SPDT or DPDT
Resistive load
Pushbutton, Key, Selector
3 A, 250 VAC/5 A, 125 VAC; 3 A, 30 VDC
Service life - Pushbutton
Mechanical
Momentary action
1,000 x 103 operations min.
Alternating action
200 x 103 operations min.
Electrical
100 x 103 operations min.
Service life - Key
Mechanical
200 x 103 operations min.
Key insertion/removal: 10 x 103 times min
Electrical
100 x 103 operations min.
Service life - Selector
Mechanical
200 x 103 operations min.
Electrical
100 x 103 operations min.
Accessories - Pushbutton
Switch guard, dust cover, spring mounting clip, panel plug,
screw fitting, legend plate, extractor
Accessories - Key
Panel plug, screw fitting
Accessories - Selector
Panel plug, screw fitting
Series product
Microload version, socket terminal
Non-lighted/Convex Pushbutton Switches
Dust Proof IP40
Oil-resistant IP65
Features
SPDT
DPDT
SPDT
DPDT
Operating force (OF) max.
250 G
450 G
300 G
500G
Releasing force (RF) min.
30 G
–
–
–
Total Travel (TT)
Approx. 3 mm
–
–
–
Pretravel (PT) max.
2.5 mm
–
–
–
Lock stroke (LTA) min.*
0.5 mm
–
–
–
Set position (SP)
–
–
–
–
s OPERATING CHARACTERISTICS
* Lock stroke is only for alternating operation.
Allowable operating
Mechanical
Momentary action
120 operations / min. max.
frequency
Alternating action
60 operations / min. max.
Electrical
20 operations / min. max.
Insulation resistance
100 M
Ω min. (at 500 VDC)
Dielectric strength
1,000 VAC, 50/60 Hz for 1 minute between terminals of
same polarity
2,000 VAC, 50/60 Hz for 1 minute between terminals of dif-
ferent polarity and also between each terminal and ground*
Vibration
Malfunction
10 to 55 Hz, 1.5 mm double amplitude
Shock
Durability
Approx. 500 m/s2 (50 G)
Malfunction
Approx. 150 m/s2 (15 G)
Service life
Mechanical
Momentary operation
2,000,000 operations min.
Alternating operation
200,000 operations min.
Electrical
100,000 operations min.
Degree of protection (IEC)
IP40/IP65 (Oil-resistant)
Weight
Approx. 13 g (for lighted type 2-contact switches with solder
terminals)
s NON-LIGHTED/CONVEX PUSHBUTTON SWITCHES
* With LED and incandescent lamp not mounted.
Note:
Data shown are of initial value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com