Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3GT-99C2-R Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # A3GT-99C2-R
Description  Lighted and non-lighted/convex versions
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A3GT-99C2-R Datasheet(HTML) 3 Page - Omron Electronics LLC

  A3GT-99C2-R Datasheet HTML 1Page - Omron Electronics LLC A3GT-99C2-R Datasheet HTML 2Page - Omron Electronics LLC A3GT-99C2-R Datasheet HTML 3Page - Omron Electronics LLC A3GT-99C2-R Datasheet HTML 4Page - Omron Electronics LLC A3GT-99C2-R Datasheet HTML 5Page - Omron Electronics LLC A3GT-99C2-R Datasheet HTML 6Page - Omron Electronics LLC A3GT-99C2-R Datasheet HTML 7Page - Omron Electronics LLC A3GT-99C2-R Datasheet HTML 8Page - Omron Electronics LLC A3GT-99C2-R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
A3G
A3G
3
Cases
Switch
Part Number
Type
Action
Round
Rectangular
Square
Dust Proof
Momentary
A3GT-6011-1
A3GJ-6011-1
A3GA-6011-1
IP40
Alternating
A3GT-6021-1
A3GJ-6021-1
A3GA-6021-1
Indicator
M2GT-7001-1
M2GJ-7001-1
M2GA-7001-1
Oil-resistant
Momentary
A3GT-6011-3
A3GJ-6011-3
A3GA-6011-3
IP65
Alternating
A3GT-6021-3
A3GJ-6021-3
A3GA-6021-3
Indicator
M2GT-7001-3
M2GJ-7001-3
M2GA-7001-3
Round
Rectangular
Square
Sockets
Contact Ratings
Terminal Type
Part Number
General Purpose Loads
SPDT
Solder
A3G-4011
DPDT
Solder
A3G-4021
Screw
A3G-4024
Microloads
SPDT
Solder
A3G-4111
DPDT
Solder
A3G-4121
Screw
A3G-4124
Indicator
–
Solder
M2G-4901
–
Screw
M2G-4904
Lamps
Part Number
Type
Color
5 VDC
12 VDC
24 VDC
LED Light
Red
A3B-005R
A3B-012R
A3B-024R
Yellow
A3B-005Y
A3B-012Y
A3B-024Y
Green
A3B-005G
A3B-012G
A3B-024G
White
A3B-005W
A3B-012W
A3B-024W
Incandescent Lamp
14 V
28 V
A3B-014
A3B-028
Neon Lamp
Pushbutton Color
Lamp Color
110 V
220 V
White or Orange
Orange
A3B-H1ND
A3B-H2ND
Green
Green
A3B-H1NG
A3B-H2NG
Degree
Part Number
Switch Type
of Sealing
Color
Round
Rectangular
Square
Convex
Dust Proof
Red
A3BT-502R
A3BJ-502R
A3BA-502R
IP40
Yellow
A3BT-502Y
A3BJ-502Y
A3BA-502Y
Green
A3BT-502G
A3BJ-502G
A3BA-502G
White
A3BT-502W
A3BJ-502W
A3BA-502W
Blue
A3BT-502A
A3BJ-502A
A3BA-502A
Black
A3BT-502B
A3BJ-502B
A3BA-502B
Oil-resistant
Red
A3BT-512R
A3BJ-512R
A3BA-512R
IP65
Yellow
A3BT-512Y
A3BJ-512Y
A3BA-512Y
Green
A3BT-512G
A3BJ-512G
A3BA-512G
White
A3BT-512W
A3BJ-512W
A3BA-512W
Blue
A3BT-512A
A3BJ-512A
A3BA-512A
Black
A3BT-512B
A3BJ-512B
A3BA-512B
LED
Incandescent
Neon
Non-lighted/Convex Switches
Note: 1. Pushbutton units, lamps (lighted type only), case, and socket must be ordered separately.
Example: Pushbutton unit A3BJ-500R, Case A3GJ-6011-1, Socket A3G-4011.
2. Illumination: red, yellow, and white use either LED or incandescent lamps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com