Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3GT-99C2-R Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # A3GT-99C2-R
Description  Lighted and non-lighted/convex versions
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A3GT-99C2-R Datasheet(HTML) 5 Page - Omron Electronics LLC

  A3GT-99C2-R Datasheet HTML 1Page - Omron Electronics LLC A3GT-99C2-R Datasheet HTML 2Page - Omron Electronics LLC A3GT-99C2-R Datasheet HTML 3Page - Omron Electronics LLC A3GT-99C2-R Datasheet HTML 4Page - Omron Electronics LLC A3GT-99C2-R Datasheet HTML 5Page - Omron Electronics LLC A3GT-99C2-R Datasheet HTML 6Page - Omron Electronics LLC A3GT-99C2-R Datasheet HTML 7Page - Omron Electronics LLC A3GT-99C2-R Datasheet HTML 8Page - Omron Electronics LLC A3GT-99C2-R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
A3G
A3G
5
Specifications
s SEPARATE TYPE
Contact Ratings
Type
AC Resistant Load
DC Resistant Load
General purpose load
250 VAC 3 A
30 VDC 3 A
125 VAC 5 A
—
Microload*
125 VAC 0.1 A
30 VDC 0.1 A
* Minimum applicable load is 1 mA at 5 VDC.
LED Ratings
Rated Voltage
Rated Current
Operating Voltage
5 VDC
30 mA
5 VDC
± 5%
12 VDC
15 mA
12 VDC
± 5%
24 VDC
10 mA
24 VDC
± 5%
Incandescent Lamp Ratings
Rated Voltage
Rated Current
Operating Voltage
14 V
40 mA
12 V
28 V
24 mA
24 V
Neon Lamp Ratings
Rated Voltage
Rated Current
Operating Voltage
110 VAC
1.5 mA
100 VAC
± 10%
220 VAC
1.5 mA
200 VAC
± 10%
Operating Temperature
Operating Humidity
Storage Temperature
-10
° to 55° C (with no icing)
35 to 85% RH
-25
° to 65° C
Note: All switch models have a built-in current-limiting resistor (for use with LED).
s ASSEMBLED SWITCHES
Construction Data
Termination
PC board terminals
Mounting style
Nut mounting; snap-in panel mounting (Pushbutton)
Packaging method
Carton



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com