Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3GT-99D2-R Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # A3GT-99D2-R
Description  Lighted and non-lighted/convex versions
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A3GT-99D2-R Datasheet(HTML) 1 Page - Omron Electronics LLC

  A3GT-99D2-R Datasheet HTML 1Page - Omron Electronics LLC A3GT-99D2-R Datasheet HTML 2Page - Omron Electronics LLC A3GT-99D2-R Datasheet HTML 3Page - Omron Electronics LLC A3GT-99D2-R Datasheet HTML 4Page - Omron Electronics LLC A3GT-99D2-R Datasheet HTML 5Page - Omron Electronics LLC A3GT-99D2-R Datasheet HTML 6Page - Omron Electronics LLC A3GT-99D2-R Datasheet HTML 7Page - Omron Electronics LLC A3GT-99D2-R Datasheet HTML 8Page - Omron Electronics LLC A3GT-99D2-R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Lighted Pushbutton Switch
A3G
Control Units
Assembled Lighted Pushbutton Switches
and Separate-Unit Type 16-mm
Cylindrical Series
s
Lighted and non-lighted/convex versions
s
Pushbutton/Indicator Types available
s
Oil-resistant: complies with IP65 seal requirements
s
Accommodates panel thicknesses of .5 to 5 mm
s
Available with screw/#110 tab solder terminals
s
Snap-in, snap-out switch units simplify wiring
and maintenance
s ASSEMBLED TYPES
Lighted
Ordering Information
Part Number
Operator
Circuit
Color
Round
Rectangular
Square
Pushbutton
Momentary
Red
A3GT-99C1-H1ND
A3GJ-99C1-H1ND
A3GA-99C1-H1ND
Green
A3GT-99C1-H1NG
A3GJ-99C1-H1NG
A3GA-99C1-H1NG
White
A3GT-99C1-H1NW
A3GJ-99C1-H1NW
A3GA-99C1-H1NW
Maintained
Red
A3GT-99D1-H1ND
A3GJ-99D1-H1ND
A3GA-99D1-H1ND
Green
A3GT-99D1-H1NG
A3GJ-99D1-H1NG
A3GA-99D1-H1NG
White
A3GT-99D1-H1NW
A3GJ-99D1-H1NW
A3GA-99D1-H1NW
Indicator
Red
M2GT-99A1-H1ND
M2GJ-99A1-H1ND
M2GA-99A1-H1ND
Green
M2GT-99A1-H1NG
M2GJ-99A1-H1NG
M2GA-99A1-H1NG
White
M2GT-99A1-H1NW
M2GJ-99A1-H1NW
M2GA-99A1-H1NW
D
V
E
Note:
Above switches offer double pole, double throw NO/NC contacts with screw terminals; lighted type pushbuttons offer neon
lamps at 110 VAC; and all are fully assembled.


Similar Part No. - A3GT-99D2-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
A3G18D510-04S NXP-A3G18D510-04S Datasheet
221Kb / 8P
RF Power GaN Transistor
A3G18H500-04S NXP-A3G18H500-04S Datasheet
305Kb / 16P
RF Power GaN Transistor
Rev. 0, 05/2017
A3G18H500-04S NXP-A3G18H500-04S Datasheet
414Kb / 18P
1805–2200 MHz, 107 W AVG., 48 V AIRFAST RF POWER GaN TRANSISTOR
Rev. 1, 08/2020
A3G18H500-04SR3 NXP-A3G18H500-04SR3 Datasheet
305Kb / 16P
RF Power GaN Transistor
Rev. 0, 05/2017
A3G18H500-04SR3 NXP-A3G18H500-04SR3 Datasheet
414Kb / 18P
1805–2200 MHz, 107 W AVG., 48 V AIRFAST RF POWER GaN TRANSISTOR
Rev. 1, 08/2020
More results

Similar Description - A3GT-99D2-R

ManufacturerPart #DatasheetDescription
logo
C&K Components
K5AT CK-COMPONENTS-K5AT Datasheet
448Kb / 2P
Lighted SMT Tact Switch
logo
E-SWITCH
ULP E-SWITCH-ULP Datasheet
580Kb / 3P
PUSHBUTTON SWITCHES - LIGHTED
logo
Omron Electronics LLC
A3PA-7010-2 OMRON-A3PA-7010-2 Datasheet
2Mb / 27P
Large Square-bodied Lighted Pushbutton Switches
logo
ITT Industries
K5V_PM ITT-K5V_PM Datasheet
238Kb / 2P
Panel Mount Lighted Tact Switch
K5V_SMT ITT-K5V_SMT Datasheet
220Kb / 2P
Right Angle Lighted SMT Tact Switch
logo
Carling Technologies
LRA911-RS-B CARLINGTECH-LRA911-RS-B Datasheet
625Kb / 4P
Single Pole Lighted Rocker
LTA201-PR-B-A CARLINGTECH-LTA201-PR-B-A Datasheet
606Kb / 4P
Single Pole Lighted Rocker Switches
logo
ZF Friedrichshafen AG
CRE22F2BBALE ZFSWITCHES-CRE22F2BBALE Datasheet
246Kb / 2P
Lighted and non-lighted versions
logo
Omron Electronics LLC
A16 OMRON-A16 Datasheet
6Mb / 28P
Pushbutton Switch (Detachable) (Lighted/Non-Lighted) (Cylindrical 16-dia.)
A3C OMRON-A3C Datasheet
2Mb / 14P
Pushbutton Switch (Lighted/Non-Lighted) (Cylindrical 12-dia.)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com