Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3GT-99D2-R Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # A3GT-99D2-R
Description  Lighted and non-lighted/convex versions
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A3GT-99D2-R Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button A3GT-99D2-R Datasheet HTML 7Page - Omron Electronics LLC A3GT-99D2-R Datasheet HTML 8Page - Omron Electronics LLC A3GT-99D2-R Datasheet HTML 9Page - Omron Electronics LLC A3GT-99D2-R Datasheet HTML 10Page - Omron Electronics LLC A3GT-99D2-R Datasheet HTML 11Page - Omron Electronics LLC A3GT-99D2-R Datasheet HTML 12Page - Omron Electronics LLC A3GT-99D2-R Datasheet HTML 13Page - Omron Electronics LLC A3GT-99D2-R Datasheet HTML 14Page - Omron Electronics LLC A3GT-99D2-R Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
A3G
A3G
11
Round indicator (M2GT)
Panel cutout
with solder terminals
(top view)
s CASES
Rectangular
Square
Round
A3GJ-6011-1
A3GJ-6011-3
A3GA-6011-1
A3GA-6011-3
A3GT-6011-1
A3GT-6011-3
A3GJ-6021-1
A3GJ-6021-3
A3GA-6021-1
A3GA-6021-3
A3GT-6021-1
A3GT-6021-3
s LAMPS
LED
Incandescent Lamp
Neon Lamp
Note: 1. Recommended panel thickness is
0.5 to 5 mm.
2. When using the spring mounting
clip for snap-in mounting, the
panel cutout becomes 16.2 +
0
0.3 mm
in diameter, and recommended
panel thickness is 0.5 to 3.5 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com