Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3GT-99D2-R Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # A3GT-99D2-R
Description  Lighted and non-lighted/convex versions
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A3GT-99D2-R Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button A3GT-99D2-R Datasheet HTML 10Page - Omron Electronics LLC A3GT-99D2-R Datasheet HTML 11Page - Omron Electronics LLC A3GT-99D2-R Datasheet HTML 12Page - Omron Electronics LLC A3GT-99D2-R Datasheet HTML 13Page - Omron Electronics LLC A3GT-99D2-R Datasheet HTML 14Page - Omron Electronics LLC A3GT-99D2-R Datasheet HTML 15Page - Omron Electronics LLC A3GT-99D2-R Datasheet HTML 16Page - Omron Electronics LLC A3GT-99D2-R Datasheet HTML 17Page - Omron Electronics LLC A3GT-99D2-R Datasheet HTML 18Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
A3G
A3G
17
Mounting
After installing the main unit, mount the socket unit on the panel surface.
s NUT MOUNTING
Insert the switch unit from the front of the panel. Place the lock
fitting and mounting nut on the terminal side and tighten the
mounting nut. For the IP65 type, use the rubber seal. Align the
anti-turn piece with the grooves and insert it so that the edge
section faces the panel. Tighten the mounting to a torque of
10 kg-cm or less.
s SNAP-IN MOUNTING
Fit the spring mounting clip for snap-in mounting
to the switch unit. Insert the tab of the spring
mounting clip into the two grooves on the
threaded part of the switch unit.
Note: Be sure to use two spring mounting clips
and see that each is firmly inserted into the
grooves. Do not use for IP65-type
switches.
Insert the switch unit from the front of the
panel and secure it.
s SOCKET MOUNTING
Mount the socket to the switch unit. As the socket mounts to the
switch unit in only one direction, the white mark on the switch unit
and that on the socket must be aligned for mounting.
s REMOVING SOCKET
Press the Lock button on the socket and pull to remove.
Pull straight off when removing the socket.
Panel
Mountibg nut
Groove
Lock fitting
Edge
Spring mounting clip
Spring mounting clip
Push the tabs of the spring mounting
clips firmly into the grooves
White mark
White mark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com