Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP200 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # IP200
Description  Interpolation Circuit for Incremental Measuring Systems
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP200 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button IP200 Datasheet HTML 17Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 18Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 19Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 20Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 21Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 22Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 23Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 24Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Phone:
+49 371 33 77 - 0
Fax::
+49 371 33 77 272
Internet:
www.gemac-chemnitz.de
Email:
interpolation@gemac-chemnitz.de
sales@gemac-chemnitz.de
GEMAC
Gesellschaft für
Mikroe lektronikanwendung Chemnitz mbH
Zwickauer Straße 227
D-09116 Chemnitz, Germany
Date: 20.04.04
Page 21 of 30
Title:
Data Sheet GC-IP200
Name of Document:
43500-DB-2-1-E-IP200.pdf
8
Error Processing
The IP200 has 6 sources for generating the global error signal. Each source can be activated by the
corresponding bit in the error mask register. With the LatchErr bit being activated, the individual error
signals are stored until the next chip reset or until the next SPI ResetCount command (command 0x01)
occurs, respectively. The logic OR function of the masked and stored error signals appears as a low active
signal on pin NERR. With the HoldErr bit being active, the A, B and OREF outputs freeze in the current state
on error case. The NERR and NRES pins can be shorted in order to re-synchronise the IC in the event of an
error. The error signal is active for 8 system clocks in this case.
Error Mask Register
Bit
Description (if bit is set)
GCOMP
Gain controller reaches his limit
OCOMP
Offset controller reaches his limit
BQLOW
Amplitude Error: the resulting Sine-Cosine-Vector is to small
ADUOVL
One or both ADC-Converter are clipping
FAST1
Signal frequency to high, no signal direction recognition possible (SPEED=1),
Signal frequency to fast for proper generating A/B/OREF - Signals (SPEED=0)
FAST2
Signal frequency to fast for proper generating the A/B/OREF - Signals (depends
upon IT(2:0)
, refer also to table “Clock Frequency Examples” in chapter 4.4)
HoldErr
The A/B/OREF - Signals freeze in error case
LatchErr
The masked error signal is stored until next SPI-reset-command or a global reset
occurs, respectively
For square wave operation (A/B-Signals) it is recommended to set the error mask register to 0x3F or 0xFF
respectively, in counter mode use the error mask register loaded with 0xDF and set the SPEED bit in the
CFG0
register.
The status register STAT contains all error bits. The MVAL and CNT register contain logic combinations
of counter relevant error bits:
SENSERR = ADUOVL or BQLOW or OCOMP or GCOMP
AMPERR = ADUOVL or BQLOW
Sensor breakage error:
Partial or complete tearing off of the connected sensor is detected in the IP200 at the time of occurrence.
Thereafter, the automatic gain-offset-controller tries to compensate this error which, due to the large
operating range of the gain-offset-controller, can lead to a situation where the cause of this error seems to
have been eliminated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com