Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP200 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # IP200
Description  Interpolation Circuit for Incremental Measuring Systems
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP200 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button IP200 Datasheet HTML 9Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 10Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 11Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 12Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 13Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 14Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 15Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 16Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Phone:
+49 371 33 77 - 0
Fax::
+49 371 33 77 272
Internet:
www.gemac-chemnitz.de
Email:
interpolation@gemac-chemnitz.de
sales@gemac-chemnitz.de
GEMAC
Gesellschaft für
Mikroe lektronikanwendung Chemnitz mbH
Zwickauer Straße 227
D-09116 Chemnitz, Germany
Date: 20.04.04
Page 13 of 30
Title:
Data Sheet GC-IP200
Name of Document:
43500-DB-2-1-E-IP200.pdf
5.2.3
Synchronous / Asynchronous Mode
Read data is loaded into the hold register by the RD0/ST command. This takes place when the internal
sequential control counter and the SYNC register have the same contents (synchronous mode) or when the
ASYNC
bit is set (asynchronous mode). Pin SDO is low during the waiting time (meaning of RDY) .
With the SPI working in synchronous mode, the output data can be assigned to a sample time. Equidistant
measurement is possible (refer also to the application example). Higher transmission rates are achieved in
asynchronous mode.
Example: 32-bit read access synchronous with internal cycle counter
RD0 / ST
XXXXXX
SYNC
RDY
RD1
Byte 0 +1
RDY
RD0 / ST *)
Byte 2 + 3
SYNC
RDY
SEN
SDI
SDO
*) any command
Hold register
Data to be transmitted
Figure 8
Example: 16-bit read access, asynchronous, 3 channels
RD0 H1
RD0 H2
SEN
SDI
SDO
RD0 H0
RD0 H0
XXX
Data H0
Data H1
Data H2
Hold register channel 0
Data to be transmitted
Hold register channel 1
Data to be transmitted
Hold register channel 2
Data to be transmitted
Figure 9
Example: write access 1 Channel
WRD (data)
SEN
SDI
SDO
WRA (address)
XXX
XXX
Example: command execution 1 channel
SEN
SDI
SDO
WRC
(Command)
XXX
Execution of command
Figure 10
Figure 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com