Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP200 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # IP200
Description  Interpolation Circuit for Incremental Measuring Systems
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP200 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button IP200 Datasheet HTML 4Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 5Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 6Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 7Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 9Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 10Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 11Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Phone:
+49 371 33 77 - 0
Fax::
+49 371 33 77 272
Internet:
www.gemac-chemnitz.de
Email:
interpolation@gemac-chemnitz.de
sales@gemac-chemnitz.de
GEMAC
Gesellschaft für
Mikroe lektronikanwendung Chemnitz mbH
Zwickauer Straße 227
D-09116 Chemnitz, Germany
Date: 20.04.04
Page 8 of 30
Title:
Data Sheet GC-IP200
Name of Document:
43500-DB-2-1-E-IP200.pdf
4
Digital Operation Modes
4.1
Output Signals / Counter Value
The position/angle result is available via the integrated serial interface in a 28-bit two's-complement format.
As described, the zero point can be generated using the REFP and REFN reference signal inputs, or it can be
set via the serial interface. By activating the trigger input, measuring result can be kept in a 2-level deep
buffer register in a manner asynchronous to the access via the interfaces.
Simultaneously, the IP200 outputs the phase shifted square wave sequences (known by incremental
measuring transducers) which can be counted in single or quadruple way.
A synchronous reference pulse is generated when the angle of 0° (refer also to Fig. 2) is passed through and
when the analogue differential input voltage between REFP and REFN exceed the positive comparator
hysteresis level. If the differential input voltage is permanently above this level, the reference pulse is
generated once during every signal period. A configuration bit can disable the generation of the reference
pulse.
t
pp
A
B
OREF
tpp: minimal Interval Time /
Edge Interval
-5
-4
-3
-2
-1
0
1
2
1
0
-1
-2
-3
-4
-5
internal
Counter
Figure 5
Note that the IP200 IC based on a digital interpolation method. This means that the quantization errors (the
so-called
1 errors) which are inevitable with A/D converters are superposed upon the speed-proportional
A/B output signals. Analogue control systems must feature a corresponding low-pass behaviour when the IC
is used in such systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com