Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5513ACPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5513ACPZ-R2
Description  Logarithmic Detector/Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5513ACPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADL5513ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1 MHz to 4 GHz, 80 dB
Logarithmic Detector/Controller
Data Sheet
ADL5513
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2008–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Wide bandwidth: 1 MHz to 4 GHz
80 dB dynamic range (±3 dB)
Constant dynamic range over frequency
Stability over −40oC to +85oC temperature range: ±0.5 dB
Operating temperature range: −40oC to +125oC
Sensitivity: −70 dBm
Low noise measurement/controller output (VOUT)
Pulse response time: 21 ns/20 ns (fall/rise)
Single-supply operation: 2.7 V to 5.5 V at 31 mA
Power-down feature: 1 mW at 5 V
Small footprint LFCSP
Fabricated using high speed SiGe process
APPLICATIONS
RF transmitter power amplifier linearization and gain/power
control
Power monitoring in radio link transmitters
RSSI measurement in base stations, WLAN, WiMAX, RADAR
FUNCTIONAL BLOCK DIAGRAM
2
1
4
3
I
V
I
V
DET
DET
DET
DET
DET
SLOPE
CONTROL
GAIN
BIAS
BAND GAP
REFERENCE
12
11
10
9
13
14
15
16
8
7
6
5
ADL5513
VOUT
VSET
COMM
TADJ
INHI
INLO
VPOS
VPOS
NC
NC
CLPF
NC
NC
NC
NC
NC
Figure 1.
GENERAL DESCRIPTION
The ADL5513 is a demodulating logarithmic amplifier, capable
of accurately converting an RF input signal to a corresponding
decibel-scaled output. It employs the progressive compression
technique over a cascaded amplifier chain, each stage of which
is equipped with a detector cell. The device can be used in either
measurement or controller modes. The ADL5513 maintains
accurate log conformance for signals up to 4 GHz. The input
dynamic range is typically 80 dB (referred to 50 Ω) with error less
than ±3 dB and 74 dB with error less than ±1 dB. The ADL5513
has 20 ns response time that enables RF burst detection to a
pulse rate of beyond 50 MHz. The device provides unprecedented
logarithmic intercept stability vs. ambient temperature conditions.
A supply of 2.7 V to 5.5 V is required to power the device. Current
consumption is 31 mA, and it decreases to 200 μA when the
device is disabled.
The ADL5513 can be configured to provide a control voltage to
a power amplifier or a measurement output from the VOUT pin.
Because the output can be used for controller applications,
special attention has been paid to minimize wideband noise. In
this mode, the setpoint control voltage is applied to the VSET pin.
The feedback loop through an RF amplifier is closed via VOUT,
the output of which regulates the amplifier output to a magni-
tude corresponding to VSET. The ADL5513 provides 0 V to
(VPOS − 0.1 V) output capability at the VOUT pin, suitable
for controller applications. As a measurement device, VOUT
is externally connected to VSET to produce an output voltage,
VOUT, that increases linear-in-dB with RF input signal amplitude.
The logarithmic slope is 21 mV/dB, determined by the VSET
interface. The intercept is −88 dBm (referred to 50 Ω, conti-
nuous wave input, 900 MHz) using the INHI input. These
parameters are very stable against supply and temperature
variations.
The ADL5513 is fabricated on a SiGe bipolar IC process and
is available in a 3 mm × 3 mm, 16-lead LFCSP package for the
−40°C to +125°C operating temperature range. A fully populated
evaluation board is available.


Similar Part No. - ADL5513ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5513ACPZ-R2 AD-ADL5513ACPZ-R2 Datasheet
1Mb / 28P
1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
REV. 0
ADL5513ACPZ-R2 AD-ADL5513ACPZ-R2 Datasheet
2Mb / 25P
1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
Rev. B
More results

Similar Description - ADL5513ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2015 MAXIM-MAX2015_07 Datasheet
587Kb / 13P
0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller
Rev 2; 2/07
logo
Analog Devices
AD8318 AD-AD8318_17 Datasheet
2Mb / 24P
Logarithmic Detector/Controller
Dec-2017
HMC600LP4 AD-HMC600LP4 Datasheet
503Kb / 8P
LOGARITHMIC DETECTOR / CONTROLLER
HMC601LP4 AD-HMC601LP4 Datasheet
494Kb / 8P
FAST SETTLING, LOGARITHMIC DETECTOR / CONTROLLER
HMC611LP4 AD-HMC611LP4 Datasheet
716Kb / 12P
LOGARITHMIC DETECTOR / CONTROLLER
HMC612LP4 AD-HMC612LP4 Datasheet
694Kb / 10P
LOGARITHMIC DETECTOR / CONTROLLER
HMC662LP3E AD-HMC662LP3E Datasheet
473Kb / 8P
LOGARITHMIC DETECTOR
HMC713MS8 AD-HMC713MS8 Datasheet
939Kb / 10P
LOGARITHMIC DETECTOR / CONTROLLER
HMC948LP3E AD-HMC948LP3E Datasheet
654Kb / 8P
LOGARITHMIC DETECTOR
HMC1094 AD-HMC1094 Datasheet
563Kb / 14P
Logarithmic Detector
11/14-Rev. 00.0813 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com