Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5513ACPZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5513ACPZ-R2
Description  Logarithmic Detector/Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5513ACPZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5513ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
ADL5513
Data Sheet
Rev. A | Page 14 of 25
APPLICATIONS INFORMATION
BASIC CONNECTIONS
The ADL5513 is specified for operation up to 4 GHz; as a result,
low impedance supply pins with adequate isolation between
functions are essential. A power supply voltage of between 2.7 V
and 5.5 V should be applied to VPOS. Connect 100 pF and 0.1 µF
power supply decoupling capacitors close to this power supply pin.
1
VPOS
2 INHI
3 INLO
4
VPOS
11
VSET
12
VOUT
10
COMM
9
TADJ
ADL5513
R4
0Ω
R12
0Ω
VOUT
(SEE NOTE 2)
Z1
C5
100pF
C6
0.1µF
VPOS
C2
47nF
R1
52.3Ω
RFIN
C1
47nF
C4
100pF
C3
0.1µF
R11
0Ω
VPOS
(SEE NOTE 1)
NOTES
1. SEE THE OUTPUT FILTERING SECTION.
2. SEE THE TEMPERATURE COMPENSATION OF OUTPUT VOLTAGE
AND POWER-DOWN FUNCTIONALITY SECTIONS.
Figure 25. Basic Connections
The exposed paddle of the LFCSP package is internally connected
to COMM. For optimum thermal and electrical performance,
solder the paddle to a low impedance ground plane.
INPUT SIGNAL COUPLING
The RF input (INHI) is single-ended and must be ac-coupled.
INLO (input common) should be ac-coupled to ground.
Suggested coupling capacitors are 47 nF, ceramic, 0402-style
capacitors for input frequencies of 1 MHz to 4 GHz. The
coupling capacitors should be mounted close to the INHI and
INLO pins. The coupling capacitor values can be increased to
lower the high-pass cutoff frequency of the input stage. The high-
pass corner is set by the input coupling capacitors and the
internal 20 pF high-pass capacitor. The dc voltage on INHI
and INLO is about one diode voltage drop below VPOS.
GAIN
STAGE
2kΩ
7kΩ
15kΩ
7kΩ
15kΩ
gm
OFFSET COMP
20pF
VPOS
INHI
INLO
Figure 26. Input Interface
While the input can be reactively matched, in general, this is
not necessary. An external 52.3 Ω shunt resistor (connected to
the signal side of the input coupling capacitors, as shown in
Figure 25) combines with relatively high input impedance to
give an adequate broadband 50 Ω match.
The coupling time constant, 50 × CC/2, forms a high-pass
corner with a 3 dB attenuation at fHP = 1/(2π × 50 × CC ), where
C1 = C2 = CC. Using the typical value of 47 nF, this high-pass
corner is ~68 kHz. In high frequency applications, fHP should be
as large as possible to minimize the coupling of unwanted low
frequency signals. In low frequency applications, a simple RC
network forming a low-pass filter should be added at the input
for similar reasons. This low-pass filter network should generally be
placed at the generator side of the coupling capacitors, thereby
lowering the required capacitance value for a given high-pass
corner frequency.
OUTPUT FILTERING
For applications in which maximum video bandwidth and,
consequently, fast rise time are desired, it is essential that the
CLPF pin be left unconnected and free of any stray capacitance.
The output video bandwidth, which is 10 MHz, can be reduced by
connecting a ground-referenced capacitor (CFLT) to the CLPF pin,
as shown in Figure 27. This is generally done to reduce output
ripple (at twice the input frequency for a symmetric input wave-
form such as sinusoidal signals).
+4
ILOG
1kΩ
3pF
CFLT
CLPF
VOUT
Figure 27. Lowering the Postdemodulation Bandwidth
CFLT is selected by
(
)
pF
0
.
3
kΩ
1.5
2π
1
−
×
×
=
Bandwidth
Video
CFLT
The video bandwidth should typically be set to a frequency
equal to about one-tenth the minimum input frequency. This
ensures that the output ripple of the demodulated log output,
which is at twice the input frequency, is well filtered.
In many log amp applications, it may be necessary to lower the
corner frequency of the postdemodulation filter to achieve low
output ripple while maintaining a rapid response time to changes
in signal level. An example of a four-pole active filter is shown
in the AD8307 data sheet. Averaging the output measurement
can also be done when filtering is not possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com