Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5513ACPZ-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5513ACPZ-R2
Description  Logarithmic Detector/Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5513ACPZ-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5513ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
ADL5513
Data Sheet
Rev. A | Page 12 of 25
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
–70 –65 –60 –55 –50 –45 –40 –35 –30 –25 –20 –15 –10 –5
0
5
10
PIN (dBm)
+25°C
–40°C
+85°C
+125°C
Figure 21. Output Voltage Stability vs. Input Amplitude at 1900 MHz When
VPOS Varies from 2.7 V to 5.5 V
3600MHz
2600MHz
2140MHz
1900MHz
900MHz
100MHz
0
j0.5
j1
j2
–j0.5
–j1
–j2
3
1
1/3
Figure 22. Input Impedance vs. Frequency, No Termination Resistor on INHI,
Z0 = 50 Ω
1600
0
200
400
600
800
1000
1200
1400
19.5
22.5
22.0
21.5
21.0
20.5
20.0
SLOPE @ 5V/100MHz @ 25°C (mV/dB)
MEAN = 21.0268
Figure 23. Slope Distribution, 100 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com