Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4303-2ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADA4303-2ACPZ-R7
Description  1:2 Single-Ended, Low Cost Active RF Splitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4303-2ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADA4303-2ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4303-2ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4303-2ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4303-2ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4303-2ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4303-2ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4303-2ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4303-2ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4303-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
ADA4303-2
Rev. A | Page 3 of 12
SPECIFICATIONS
VCC = 5 V, RIN = RL = 75 Ω, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Bandwidth (−3 dB)
1700
MHz
Specified Frequency Range
54
865
MHz
Gain (S21)
f = 100 MHz
2.0
3.0
4.0
dB
1 dB Gain Flatness
1200
MHz
NOISE/DISTORTION PERFORMANCE
Noise Figure
At 54 MHz
4.0
4.3
dB
At 550 MHz
4.3
4.9
dB
At 865 MHz
4.4
5.1
dB
Output IP3
f1 = 97.25 MHz, f2 = 103.25 MHz
26.5
dBm
Output IP2
f1 = 97.25 MHz, f2 = 103.25 MHz
44.0
dBm
Composite Triple Beat (CTB)
135 Channels, 15 dBmV/Channel, f = 865 MHz
−72
−66
dBc
Composite Second-Order (CSO)
135 Channels, 15 dBmV/Channel, f = 865 MHz
−62
−60
dBc
Cross Modulation (CXM)
135 Channels, 15 dBmV/Channel, 100% modulation
at 15.75 kHz, f = 865 MHz
−68
−65
dBc
INPUT CHARACTERISTICS
Input Return Loss (S11)
Referenced to 75 Ω
At 54 MHz
−15.0
−11.5
dB
At 550 MHz
−19.5
−14.0
dB
At 865 MHz
−12.0
−7.5
dB
Output-to-Input Isolation (S12)
Any output, 54 MHz to 865 MHz
At 54 MHz
−31.8
−29.0
dB
At 550 MHz
−32.0
−29.5
dB
At 865 MHz
−32.5
−30.0
dB
OUTPUT CHARACTERISTICS
Output Return Loss (S22)
Referenced to 75 Ω
At 54 MHz
−31.2
−23.0
dB
At 550 MHz
−19.4
−14.0
dB
At 865 MHz
−15.5
−11.0
dB
Output-to-Output Isolation
Between any two outputs, 54 MHz to 865 MHz
dB
At 54 MHz
−24.6
dB
At 550 MHz
−24.0
dB
At 865 MHz
−24.5
dB
1 dB Compression
Output referred, f = 100 MHz
8.5
dBm
POWER SUPPLY
Nominal Supply Voltage
4.5
5.0
5.5
V
Quiescent Supply Current
78
90
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com