Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4303-2ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4303-2ACPZ-R7
Description  1:2 Single-Ended, Low Cost Active RF Splitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4303-2ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADA4303-2ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4303-2ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4303-2ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4303-2ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4303-2ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4303-2ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4303-2ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4303-2ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4303-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
ADA4303-2
Rev. A | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. NIC = NO INTERNAL CONNECTION.
2. CONNECT THE EPAD TO THE GROUND PLANE.
9
8
7
1
2
3
VO1
VO2
GND
VCC
VIN
GND
ADA4303-2
TOP VIEW
(Not to Scale)
Figure 4. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VCC
Supply Pin.
2
VIN
Input.
3
GND
Ground.
4
GND
Ground.
5
GND
Ground.
6
NIC
Not Internal Connection.
7
GND
Ground.
8
VO2
Output 2.
9
VO1
Output 1.
10
NC
No Connection.
11
IL
Bias Pin.
12
VCC
Supply Pin.
EPAD
Exposed Pad. Connect the EPAD to the Ground Plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com