Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4303-2ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4303-2ACPZ-R7
Description  1:2 Single-Ended, Low Cost Active RF Splitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4303-2ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4303-2ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4303-2ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4303-2ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4303-2ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4303-2ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4303-2ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4303-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4303-2ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4303-2ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet
ADA4303-2
Rev. A | Page 7 of 12
4
3
2
1
0
–1
–2
–3
–4
–5
–6
–7
–8
50
100
4000
1000
FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 11. Gain (S21) vs. Frequency
–30
–31
–32
–33
–34
–35
–36
–37
–38
–39
–40
50
100
4000
1000
FREQUENCY (MHz)
Figure 12. Output-to-Input Isolation (S12) vs. Frequency
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
50
100
4000
1000
FREQUENCY (MHz)
Figure 13. Output-to-Output Isolation vs. Frequency
0
–5
–10
–15
–20
–25
–30
50
100
1000
FREQUENCY (MHz)
Figure 14. Input Return Loss (S11) vs. Frequency
0
–10
–20
–5
–15
–25
–30
–35
–40
50
100
1000
FREQUENCY (MHz)
Figure 15. Output Return Loss (S22) vs. Frequency
90
65
70
75
80
85
–40 –30 –20 –10 0
10 20 30 40 50 60 70 80
TEMPERATURE (°C)
–60 –50
90 100
Figure 16. Quiescent Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com