Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC601LP4 Datasheet(PDF) 4 Page - Analog Devices

Part # HMC601LP4
Description  FAST SETTLING, LOGARITHMIC DETECTOR / CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC601LP4 Datasheet(HTML) 4 Page - Analog Devices

  HMC601LP4 Datasheet HTML 1Page - Analog Devices HMC601LP4 Datasheet HTML 2Page - Analog Devices HMC601LP4 Datasheet HTML 3Page - Analog Devices HMC601LP4 Datasheet HTML 4Page - Analog Devices HMC601LP4 Datasheet HTML 5Page - Analog Devices HMC601LP4 Datasheet HTML 6Page - Analog Devices HMC601LP4 Datasheet HTML 7Page - Analog Devices HMC601LP4 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 13
LOGOUT Voltage & Error
vs. Input Power, Fin = 4000 MHz
Unless otherwise noted: Vcc1, Vcc2 = +3.3V, TA = +25C
0
0.4
0.8
1.2
1.6
2
-5
-3
-1
1
3
5
-75
-65
-55
-45
-35
-25
-15
-5
5
LOGOUT +25C
LOGOUT +85C
LOGOUT -40C
ERR +25C
ERR +85C
ERR -40C
INPUT POWER (dBm)
IDEAL
LOGOUT Slope vs. Frequency, Vcc = 3.3V
LOGOUT Slope
vs. Supply Voltage, TA = +25C
18
19
20
21
22
23
24
25
2.5
3
3.5
4
4.5
5
5.5
500 MHz
900 MHz
1900 MHz
2500 MHz
3500 MHz
4000 MHz
Vcc (Volts)
18
19
20
21
22
23
24
500
1000
1500
2000
2500
3000
3500
4000
+25 C
+85 C
-40 C
FREQUENCY (MHz)
LOGOUT Intercept
vs. Frequency, Vcc = 3.3V
-110
-100
-90
-80
-70
-60
500
1000
1500
2000
2500
3000
3500
4000
+25 C
+85 C
-40 C
FREQUENCY (MHz)
HMC601LP4 / 601LP4E
v01.0509
75 dB, FAST SETTLING, LOGARITHMIC
DETECTOR / CONTROLLER 10 - 4000 MHz
LOGOUT Error vs. Input Power,
Normalized [2], Fin = 1900 MHz
-2
-1
0
1
2
-75
-65
-55
-45
-35
-25
-15
-5
5
+85 C
-40 C
INPUT POWER (dBm)
LOGOUT Intercept
vs. Supply Voltage TA = +25C
-110
-100
-90
-80
-70
-60
-50
2.5
3
3.5
4
4.5
5
5.5
500 MHz
900 MHz
900 MHz
1900 MHz
2500 MHz
3500 MHz
4000 MHz
Vcc (VOLTS)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com