Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC601LP4 Datasheet(PDF) 2 Page - Analog Devices

Part # HMC601LP4
Description  FAST SETTLING, LOGARITHMIC DETECTOR / CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC601LP4 Datasheet(HTML) 2 Page - Analog Devices

  HMC601LP4 Datasheet HTML 1Page - Analog Devices HMC601LP4 Datasheet HTML 2Page - Analog Devices HMC601LP4 Datasheet HTML 3Page - Analog Devices HMC601LP4 Datasheet HTML 4Page - Analog Devices HMC601LP4 Datasheet HTML 5Page - Analog Devices HMC601LP4 Datasheet HTML 6Page - Analog Devices HMC601LP4 Datasheet HTML 7Page - Analog Devices HMC601LP4 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 11
Electrical Specifications, (continued)
Parameter
Condition
Vcc1, Vcc2
+3.3V
Input Zo
50Ω
T
A
+25C
Fin
900 MHz
INN Port connected to ground through a 1000pF capacitor
Test Conditions
HMC601LP4 / 601LP4E
v01.0509
75 dB, FAST SETTLING, LOGARITHMIC
DETECTOR / CONTROLLER 10 - 4000 MHz
Parameter
Conditions
Min.
Typ.
Max.
Units
Current Drive (Source)
0.55
mA
Current Drive (Sink)
For 1% change in the output voltage
4.8
mA
Output Voltage Range
0Vcc -0.13
V
Small Signal Response Time (10% to 90%)
Pin = -60 to -57 dBm
8
ns
Large Signal Response Time (±0.5 dB Settling)
Pin = No Signal to 0 dBm
50
ns
Output Rise Time
From 0% to 90%
15
ns
Ripple
Fin = 100 MHz
<4
mVpp
VSET Interface
Input Impedance
30
kΩ
Input Voltage Range
0.6 to 1.9
V
Low Frequency Gain
VSET to LOGOUT
75
dB
Open Loop Corner Frequency
4.4
kHz
Power Down (PWD) Interface
Voltage Range for Normal Mode
0
0.2 x Vcc
V
Voltage Range for Shutdown Mode
0.8 x Vcc
Vcc
V
Threshold Voltage
Vcc/2
V
Power-up Response Time
50% PWD to ±0.5 dB Settling of LOGOUT
19.9
μs
Power-Down Response Time
50% PWD to 10% Icc
2.2
μs
Power Supply (Vcc1, Vcc2)
Operating Voltage Range
2.7
5.5
V
Supply Current in Normal Mode
Vcc = +3.3V, PWD = 0V
30
36
mA
Supply Current in Power Down Mode
Vcc = +3.3V, PWD = Vcc
1
mA
LOGOUT Voltage & Error
vs. Input Power, Fin = 10 MHz
0
0.4
0.8
1.2
1.6
2
-5
-3
-1
1
3
5
-75
-65
-55
-45
-35
-25
-15
-5
5
IDEAL
LOGOUT +25C
LOGOUT +85C
LOGOUT -40C
ERR +25C
ERR +85C
ERR -40C
INPUT POWER (dBm)
LOGOUT Voltage & Error
vs. Input Power, Fin = 50 MHz
0
0.4
0.8
1.2
1.6
2
-5
-3
-1
1
3
5
-75
-65
-55
-45
-35
-25
-15
-5
5
IDEAL
LOGOUT +25C
LOGOUT +85C
LOGOUT -40C
ERR +25C
ERR +85C
ERR -40C
INPUT POWER (dBm)
Unless otherwise noted: Vcc1, Vcc2 = +3.3V, TA = +25C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com