Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC601LP4 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC601LP4
Description  FAST SETTLING, LOGARITHMIC DETECTOR / CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC601LP4 Datasheet(HTML) 1 Page - Analog Devices

  HMC601LP4 Datasheet HTML 1Page - Analog Devices HMC601LP4 Datasheet HTML 2Page - Analog Devices HMC601LP4 Datasheet HTML 3Page - Analog Devices HMC601LP4 Datasheet HTML 4Page - Analog Devices HMC601LP4 Datasheet HTML 5Page - Analog Devices HMC601LP4 Datasheet HTML 6Page - Analog Devices HMC601LP4 Datasheet HTML 7Page - Analog Devices HMC601LP4 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 10
HMC601LP4 / 601LP4E
General Description
Features
Functional Diagram
The HMC601LP4(E) Logarithmic Detector/Controller
converts RF signals at its input, to a proportional DC
voltage at its output. The HMC601LP4(E) employ
a successive compression topology which delivers
extremely
high
dynamic
range
and
conversion
accuracy over a wide input frequency range. As
the input power is increased, successive amplifiers
move into saturation one by one creating an accurate
approximation of the logarithm function. The output of
a series of square law detectors is summed, converted
into voltage domain and buffered to drive the LOGOUT
output. For detection mode, the LOGOUT pin is
shorted to the VSET input, and will provide a nominal
logarithmic slope of 19mV/dB and an intercept of
-100dBm. The HMC601LP4(E) can also be used in the
controller mode where an external voltage is applied to
the VSET pin, to create an AGC or APC feedback loop.
The HMC601LP4(E) provides a 15/34ns (rise/fall time)
response time enabling RF burst detection to a pulse
rate beyond 20 MHz.
Wide Dynamic Range: up to 75 dB
Fast Pulse Response: 15/34ns (Rise/Fall Time)
Flexible Supply Voltage: +2.7V to +5.5V
Power-Down Mode
Excellent Stability over Temperature
Compact 4x4mm Leadless SMT Package
Typical Applications
The HMC601LP4(E) is ideal for IF and RF
applications in:
• Cellular/PCS/3G
• WiMAX, WiBro & Fixed Wireless
• Power Monitoring & Control Circuitry
• Receiver Signal Strength Indication (RSSI)
• Automatic Gain & Power Control Circuits
Electrical Specifications, TA = +25C, PWD = 0V, Vcc1, Vcc2 = +3.3V [1]
Parameter
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Units
Input Frequency
50
100
500
900
1900
2500
3500
4000
MHz
±3 dB Dynamic Range
74
74
74
74
70
68
54
52
dB
±3 dB Dynamic Range Center
-31
-31
-31
-31
-31.5
-31.5
-27
-23
dBm
±1 dB Dynamic Range
68
68
69
69
67
65
47
46
dB
Output Slope
19.5
19.4
19.2
19.1
19.0
19.4
20.9
19.6
mV/dB
Output Intercept
-99
-99
-100
-100
-98
-96
-85
-79
dBm
Temperature Sensitivity @ -10 dBm Input [2]
-4.2
-3.8
-3.5
-2.4
-0.8
-0.8
-4.4
-3.5
mdB/°C
[1] Detector mode measurements; LOGOUT (Pin 17) is shorted to VSET (Pin 16).
[2] Measured from TA = -40C to TA = +85C
75 dB, FAST SETTLING, LOGARITHMIC
DETECTOR / CONTROLLER 10 - 4000 MHz
v01.0509
Parameter
Conditions
Min.
Typ.
Max.
Units
RF Input (INP)
Return Loss
F = 10 - 4000 MHz, Zo = 50Ω, See plot
10
dB
LOGOUT Interface
Open Loop Impedance
(Simulated)
12
kΩ
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC601LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC601LP4 HITTITE-HMC601LP4 Datasheet
335Kb / 8P
75 dB, FAST SETTLING, LOGARITHMIC DETECTOR / CONTROLLER 10 - 4000 MHz
HMC601LP4E HITTITE-HMC601LP4E Datasheet
335Kb / 8P
75 dB, FAST SETTLING, LOGARITHMIC DETECTOR / CONTROLLER 10 - 4000 MHz
More results

Similar Description - HMC601LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC601LP4 HITTITE-HMC601LP4 Datasheet
335Kb / 8P
75 dB, FAST SETTLING, LOGARITHMIC DETECTOR / CONTROLLER 10 - 4000 MHz
logo
Analog Devices
AD8318 AD-AD8318_17 Datasheet
2Mb / 24P
Logarithmic Detector/Controller
Dec-2017
ADL5513 AD-ADL5513_17 Datasheet
1Mb / 25P
Logarithmic Detector/Controller
8/2017-Rev. 0 to Rev. A
HMC600LP4 AD-HMC600LP4 Datasheet
503Kb / 8P
LOGARITHMIC DETECTOR / CONTROLLER
HMC611LP4 AD-HMC611LP4 Datasheet
716Kb / 12P
LOGARITHMIC DETECTOR / CONTROLLER
HMC612LP4 AD-HMC612LP4 Datasheet
694Kb / 10P
LOGARITHMIC DETECTOR / CONTROLLER
HMC662LP3E AD-HMC662LP3E Datasheet
473Kb / 8P
LOGARITHMIC DETECTOR
HMC713MS8 AD-HMC713MS8 Datasheet
939Kb / 10P
LOGARITHMIC DETECTOR / CONTROLLER
HMC948LP3E AD-HMC948LP3E Datasheet
654Kb / 8P
LOGARITHMIC DETECTOR
HMC1094 AD-HMC1094 Datasheet
563Kb / 14P
Logarithmic Detector
11/14-Rev. 00.0813 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com