Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2FD Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # D2FD
Description  Dust Proof Ultra Subminiature Basic Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2FD Datasheet(HTML) 1 Page - Omron Electronics LLC

  D2FD Datasheet HTML 1Page - Omron Electronics LLC D2FD Datasheet HTML 2Page - Omron Electronics LLC D2FD Datasheet HTML 3Page - Omron Electronics LLC D2FD Datasheet HTML 4Page - Omron Electronics LLC D2FD Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
D2FD
Dust Proof Ultra Subminiature Basic Switch
Ultra subminiature and dust
proof
• Sealing by using rubber packing means the switch
can be used in dust-proof environments (IEC IP6X).
• Switch rating of 2 A at 125 VAC possible with a
single-leaf movable spring. Models for micro loads
are also available.
• Solder and PCB terminals are available.
RoHS Compliant
Model Number Legend
List of Models
Contact Form
● SPDT
Ratings
2 A
0.1 A
Actuator
Terminals
Pin plunger
Solder terminals
D2FD-2L0-1H
D2FD-01L0-1H
PCB terminals
D2FD-2L0-1T
D2FD-01L0-1T
Hinge lever
Solder terminals
D2FD-2L1-1H
D2FD-01L1-1H
PCB terminals
D2FD-2L1-1T
D2FD-01L1-1T
Simulated roller
lever (R2.5)
Solder terminals
D2FD-2L30-1H
D2FD-01L30-1H
PCB terminals
D2FD-2L30-1T
D2FD-01L30-1T
D2FD -
@@ -1 @
12
3
1. Rating
2 : 2 A at 125 VAC / 30 VDC
01 : 0.1 A at 125 VAC / 30 VDC
2. Actuater
L0 : Pin plunger
L1 : Hinge lever
L30 : Simulated roller lever
3. Terminals
H : Solder terminals
T : PCB terminals
COM
NO NC


Similar Part No. - D2FD

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2FD-01L0-1H OMRON-D2FD-01L0-1H Datasheet
352Kb / 5P
Dust Proof Ultra Subminiature Basic Switch
D2FD-01L0-1T OMRON-D2FD-01L0-1T Datasheet
352Kb / 5P
Dust Proof Ultra Subminiature Basic Switch
D2FD-01L1-1H OMRON-D2FD-01L1-1H Datasheet
352Kb / 5P
Dust Proof Ultra Subminiature Basic Switch
D2FD-01L1-1T OMRON-D2FD-01L1-1T Datasheet
352Kb / 5P
Dust Proof Ultra Subminiature Basic Switch
D2FD-01L30-1H OMRON-D2FD-01L30-1H Datasheet
352Kb / 5P
Dust Proof Ultra Subminiature Basic Switch
More results

Similar Description - D2FD

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
SSG OMRON-SSG Datasheet
765Kb / 10P
Subminiature Basic Switch
SS-P OMRON-SS-P Datasheet
480Kb / 8P
Subminiature Basic Switch
logo
C&K Components
ZMS CK-COMPONENTS-ZMS Datasheet
209Kb / 4P
Subminiature Snap-acting Switches (Dust Proof)
logo
Omron Electronics LLC
D2QW OMRON-D2QW Datasheet
457Kb / 6P
Sealed Ultra Subminiature Basic Switch
D2FD-2L0-1H OMRON-D2FD-2L0-1H Datasheet
352Kb / 5P
Dust Proof Ultra Subminiature Basic Switch
J-7-V3 OMRON-J-7-V3 Datasheet
221Kb / 8P
Ultra Subminiature Basic Switch
SS-10 OMRON-SS-10 Datasheet
1Mb / 8P
Subminiature Basic Switch
D2AW OMRON-D2AW Datasheet
383Kb / 8P
Sealed Ultra Subminiature Basic Switch
D2FS OMRON-D2FS Datasheet
301Kb / 4P
Ultra Subminiature Basic Switch
D2LS OMRON-D2LS Datasheet
450Kb / 3P
Ultra Subminiature Basic Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com