Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2FD Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # D2FD
Description  Dust Proof Ultra Subminiature Basic Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2FD Datasheet(HTML) 3 Page - Omron Electronics LLC

  D2FD Datasheet HTML 1Page - Omron Electronics LLC D2FD Datasheet HTML 2Page - Omron Electronics LLC D2FD Datasheet HTML 3Page - Omron Electronics LLC D2FD Datasheet HTML 4Page - Omron Electronics LLC D2FD Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
D2FD
Dust Proof Ultra Subminiature Basic Switch
Dimensions (Unit: mm) / Operating Characteristics
The following illustrations and drawings are for solder terminal models. PCB terminal models are omitted from the drawings. Refer to Terminals for these terminals.
When ordering, replace
@ with the code for the rating that you need. For the combination of models, refer to List of Models.
Note: 1. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
2. The operating characteristics are for operation in the A direction (
).
PT
2.5±0.1
2.4
+0.1
–0.05
1.2 Dia.
A
4.35
OP
6.5±0.15
2.4
Dia.
+0.1
–0.05
● Pin Plunger Models
D2FD-
@L0-1H
D2FD-
@L0-1T
Model
D2FD-
@L0-1H
D2FD-
@L0-1T
OF max.
RF min.
2.00 N {204 gf}
0.25 N {25 gf}
PT
max.
OT mix.
MD max.
0.6 mm
0.25 mm
0.12 mm
OP (-1H)
OP (-1T)
7.0
± 0.2 mm
7.0
± 0.3 mm
● Hinge Lever Models
D2FD-
@L1-1H
D2FD-
@L1-1T
Model
D2FD-
@L1-1H
D2FD-
@L1-1T
OF max.
RF min.
0.65 N {66 gf}
0.05 N {5 gf}
OT mix.
MD max.
0.5 mm
0.5 mm
FP
max.
OP (-1H)
OP (-1T)
11.3 mm
8.3
± 1.0 mm
8.3
± 1.2 mm
t = 0.3 Stainless-steel lever
A
OP
FP
6.5±0.15
3
5.25
● Simulated Roller Lever Models (R2.5)
D2FD-
@L30-1H
D2FD-
@L30-1T
Model
D2FD-
@L30-1H
D2FD-
@L30-1T
OF max.
RF min.
0.65 N {66 gf}
0.05 N {5 gf}
OT mix.
MD max.
0.5 mm
0.5 mm
FP
max.
OP (-1H)
OP (-1T)
14.3 mm
11.3
± 1.0 mm
11.3
± 1.2 mm
t = 0.3 Stainless-steel lever
R2.5
A
3
4.2
FP
OP
6.5±0.15



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com