Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2FD Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D2FD
Description  Dust Proof Ultra Subminiature Basic Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2FD Datasheet(HTML) 2 Page - Omron Electronics LLC

  D2FD Datasheet HTML 1Page - Omron Electronics LLC D2FD Datasheet HTML 2Page - Omron Electronics LLC D2FD Datasheet HTML 3Page - Omron Electronics LLC D2FD Datasheet HTML 4Page - Omron Electronics LLC D2FD Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
D2FD
Dust Proof Ultra Subminiature Basic Switch
Contact Specifications
Note: For more information on the minimum applicable load, refer to Using Micro Loads.
Ratings
Note: The rating values apply under the following test conditions.
1. Ambient temperature: 20
± 2°C
2. Ambient humidity: 65
± 5%
3. Operating frequency: 20 operations/min
Characteristics
Note: 1. The data given above are initial values.
2. The dielectric strength shown in the table indicates a value for models with a Separator.
3. For the pin plunger models, the above values apply for both the free position and total travel position. For the lever models, the values apply at the total travel
position. Contact opening or closing time is within 1 ms.
4. Consult your OMRON sales representative for testing conditions.
Terminals (Unit: mm)
Mounting Holes (Unit: mm)
● Solder Terminals
Item
Model
D2FD-2 models
D2FD-01 models
Contact
Specification
Crossbar
Material
Silver alloy
Gold alloy
Gap (standard value)
0.25 mm
Minimum applicable load (see note)
100 mA at 5 VDC
1 mA at 5 VDC
Model
Rated voltage
D2FD-2 models
D2FD-01 models
Resistive load
125 VAC
2 A
0.1 A
30 VDC
2 A
0.1 A
Item
Model
D2FD-2 models
D2FD-01 models
Operating speed
1 mm to 500 mm/s
Operating frequency
Mechanical
120 operations/min max.
Electrical
20 operations/min max
Insulation resistance
100 M
Ω min. (at 500 VDC)
Contact resistance (initial value)
30 m
Ω max.
100 m
Ω max.
Dielectric strength (see note 2)
600 VAC 50/60 Hz 1 min between terminals of same polarity
1,500 VAC 50/60 Hz 1 min between current carrying metal parts and ground
1,500 VAC 50/60 Hz 1 min between each terminal and non-current carrying metal part
Vibration resistance (see note 3) Malfunction
10 to 55 Hz, 1.5 mm double amplitude
Shock resistance (see note 3)
Destruction
1,000 m/s2 max.
Malfunction
300 m/s2 max.
Durability (see note 4)
Mechanical
300,000 operations min. (at 60 ops./min.)
Electrical
30,000 operations min. (at 20 ops./min.)
100,000 operations min. (at 20 ops./min.)
Degree of protection
IP6X
Ambient operating temperature
−20 to +70°C (at 60%RH max.) (with no icing)
Ambient operation humidity
85%RH max. (for +5 to +35
°C)
Weight
Approx. 0.7 g (pin plunger, PCB terminal models)
● Solder Terminals
● PCB Terminals
PCB Mounting Dimensions
(Reference)
1.5
2.4
Dia.
+0.1
–0.05
0.5
1.7
2.5±0.1
1.2
0.4
12.8±0.15
5.08±0.15
5.08±0.15
4.8±0.1
4
5.7
2
4.4
6
2.2
2.4
+0.1
–0.05
Three, R0.8
1.25±0.12
1.5±0.12
1.1±0.12
0.4
0.9
Two,1.2
Dia.
+0.12
0
5±0.15
5.5
6
4.4
1.5±0.1
3.15
6.5±0.1
5.08±0.15
5.08±0.15
12.8±0.15
1.6
5.08±0.1
Three, 1.2±0.05 Dia.
5.08±0.1
Two, M2.3
4.8±0.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com