Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHC7913-4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LHC7913-4
Description  3 AMP NEGATIVE LOW DROP VOLTAGE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LHC7913-4 Datasheet(HTML) 1 Page - STMicroelectronics

  LHC7913-4 Datasheet HTML 1Page - STMicroelectronics LHC7913-4 Datasheet HTML 2Page - STMicroelectronics LHC7913-4 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3 AMP NEGATIVE LOW DROP VOLTAGE REGULATOR
WITH INHIBIT
15-Jul-03 - Rev. 1.1
Page 1 of 3
LHC7913-4
DRAFT DATA
FEATURES:
x Low output capacitance: 1 µF
x Overtemperature protection
x Overcurrent protection
x Output short circuit monitoring, signalled by a
TTL-compatible output
x ON/OFF external control by means of
TTL-compatible input.
x Adjustable current limitation protects
outputs from damaging shortcircuits.
§ REMOTE SENSING OPERATION
GENERAL DESCRIPTION:
The LHC7913-4 is a negative Voltage
Regulator family including both fixed and
adjustable versions. Housed into Power SO-20
slug-up package. It is specifically intended for
applications in rugged environments, such as
Nuclear Physics, in which it has to withstand
large amounts of radiation doses during its
operating life.
Input voltage ranges from -3 to -9 volts.


Similar Part No. - LHC7913-4

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
LHC EDI-LHC Datasheet
48Kb / 2P
HIGH VOLTAGE DIFFUSED SILICON RECTIFIERS
logo
Inventronics Inc.
LHC-024S035RSP INVENTRONICS-LHC-024S035RSP Datasheet
221Kb / 7P
24W Constant Current Indoor Driver
Rev. E
LHC-024S050RSP INVENTRONICS-LHC-024S050RSP Datasheet
221Kb / 7P
24W Constant Current Indoor Driver
Rev. E
LHC-024S070RSP INVENTRONICS-LHC-024S070RSP Datasheet
221Kb / 7P
24W Constant Current Indoor Driver
Rev. E
LHC-024S105RSP INVENTRONICS-LHC-024S105RSP Datasheet
221Kb / 7P
24W Constant Current Indoor Driver
Rev. E
More results

Similar Description - LHC7913-4

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5330-5.0H MSK-MSK5330-5.0H Datasheet
233Kb / 5P
NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
MSK5332-5.0HTG MSK-MSK5332-5.0HTG Datasheet
271Kb / 6P
NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
logo
Sensitron
SHD526201 SENSITRON-SHD526201 Datasheet
43Kb / 2P
LOW DROP NEGATIVE 5V 1.0 AMP REGULATOR
logo
New Japan Radio
NJM2827 NJRC-NJM2827 Datasheet
233Kb / 10P
Negative Output Low Drop Out voltage regulator
logo
Seme LAB
LM7905XE SEME-LAB-LM7905XE Datasheet
28Kb / 3P
1.5 AMP NEGATIVE VOLTAGE REGULATOR
logo
Sensitron
SHD526201 SENSITRON-SHD526201_11 Datasheet
58Kb / 2P
LOW DROP NEGATIVE 5V 1.0 AMP REGULATOR
logo
Anaren Microwave
MSK5330 ANAREN-MSK5330 Datasheet
229Kb / 5P
NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
MSK5332 ANAREN-MSK5332 Datasheet
137Kb / 6P
NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
MSK5940 ANAREN-MSK5940 Datasheet
415Kb / 6P
RAD HARD NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2828 NJRC-NJM2828 Datasheet
362Kb / 12P
Negative Output Low Drop Out voltage regulator
Ver.2016-05-10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com