Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHC7913-4 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LHC7913-4
Description  3 AMP NEGATIVE LOW DROP VOLTAGE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LHC7913-4 Datasheet(HTML) 2 Page - STMicroelectronics

  LHC7913-4 Datasheet HTML 1Page - STMicroelectronics LHC7913-4 Datasheet HTML 2Page - STMicroelectronics LHC7913-4 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LHC7913- 4
15-Jul-03 - Rev. 1.1
Page 2 of 3
ABSOLUTE MAXIMUM RATINGS (NOTE 1)
Symbol
Parameter
Value
Unit
Vminus
DC input voltage
-10
V
Vplus
input voltage
5
V
Vinh
INHIBIT input voltage
Vplus+ 0.3
V
Io
Output current
Internally limited
A
OPERATING CONDITIONS (NOTE 2)
Symbol
Parameter
Value
Unit
Vminus
DC input voltage
-9
V
Note 1. Exceeding the absolute maximum rating may damage the device
Note 2. The device is not guaranteed to function outside its operating rating.
THERMAL INFORMATIONS
Rthj-a
Thermal Resistance Junction-Ambient
Power So-20 s lug-up
2
ºC/W
To
Operating junction temperature range
-40 to 150
ºC
TSTG
Storage Temperature Range
-40 to 150
ºC
PIN CONFIGURATION
Pin N°
SO-20
Pin Name
Pin Function
1
Vminus
Vminus
2
NC
NOT CONNECTED
3
NC
NOT CONNECTED
4
NC
NOT CONNECTED
5
SH-CNTRL SHORT CIRCUIT Control
6
OCM
OVER CURRENT MONITOR
7
VPlus
Voltage input for Ocm &
Inhibit state
8
NC
NOT CONNECTED
9
GND
COMMON GROUND
10
Vminus
Vminus
11
Vminus
Vminus
12
INH
INHIBIT
13
ADJ
ADJ (Adjustable version)
14
NC
NOT CONNECTED
15
VOUT
OUTPUT
16
VOUT
OUTPUT
17
NC
NOT CONNECTED
18
NC
NOT CONNECTED
19
NC
NOT CONNECTED
20
Vminus
Vminus



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com