Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHC7913-4 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LHC7913-4
Description  3 AMP NEGATIVE LOW DROP VOLTAGE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LHC7913-4 Datasheet(HTML) 3 Page - STMicroelectronics

  LHC7913-4 Datasheet HTML 1Page - STMicroelectronics LHC7913-4 Datasheet HTML 2Page - STMicroelectronics LHC7913-4 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LHC7913 - 4
15-Jul-03 - Rev. 1.1
Page 3 of 3
ELECTRICAL CHARACTERISTICS:
Unless otherwise specified , Vin = Vout - 2.5 V, Vout =-3V, Vplus=3V,Tj =25°C, Cin = 1
µµF,
Cout = 1
µµF
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Operating input voltage
Iout = 3A
Tj=-55° to 125° C
-3
-9
V
VOUT
Output voltage accuracy
Iout = 5mA
Tj=-55° to 125° C
-2
2
%
VOUT
Operating output voltage
Iout= 3A
Tj=-55° to 125° C
-1.21
-7
V
Ishort
Output current limit
Adjustable
4.5
A
∆Vo/V
i
Line regulation
Vi=Vout-2.5 to -12V
Iout = 5mA
1
%
∆Vo/VoI
Lo
Load regulation
Iout = 5mA to 3A
1
%
On mode
Output shorted to GND, Iocm = 0mA
200
On mode,
Output shorted to GND, Iocm =10mA
500
On mode
Iout=0
170
Vplus
Quescent
current
Quiescient current
Iq, Plus
Tj=-55° to 125° C
Vplus =3V
Off mode, Vinh=3V
200
µΑ
Vi=Vout-2.5 to -12V, On mode Iout= 5 mA
3
4
Vi=Vout-2.5 to -12V, On mode Iout = 30 mA
5
6
Vi=Vout-2.5 to -12V, On mode Iout = 300 mA
20
35
Vi=Vout-2.5 to -12V, On mode Iout = 1 A
40
75
Vi=Vout-2.5 to -12V, On mode Iout =2 A
80
140
Vi=Vout-2.5 to -12V, On mode Iout =3 A
150
240
Iq
(Vminus)
Quiescent Current,
Tj=-55° to 125° C
OFF mode Vinh =3V Vplus =3V
0.3
mA
Iout= 400 mA, Tj=-55° to 125° C
0.4
0.8
Iout= 1 A,
Tj=-55° to 125° C
0.6
1.2
Iout= 2 A,
Tj=-55° to 125° C
0.95
2
Vd
Dropout voltage
Iout =3 A,
Tj=-55° to 125° C
1.3
2.6
V
VINH
VINH,Off
VINH,On
Inhibit voltage
turn,Off voltage
turn-On voltage
Vplus = 3V Tj=-55° to 125° C
2
0.8
V
SVR
Supply voltage
rejection
Vin=Vout -2.5 ±0.5 V IOUT = 15mA
f=120 Hz
f= 33 Khz
70
30
dB
IINH
Shutdown input current
Vplus =3V
VINH = 3V
15
µΑ
Cout
Output capacitance
Iout=0 to 3A
1
µF
ESR
Electrical series
Resistance
Iout=0 to 3A
2
6
ohm
VOCML
Overcurrent monitor
voltage Low
Vplus =3V IOCM = 10 mA (sinked current)
0.6
V
VOCMH
Overcurrent monitor
voltage High
IOCM = -10uA (sourced current), Vi=Vout-2.5
Vplus = 3V
Vplus
V
en/Vout
Output noise voltage
10Hz < freq < 100 Khz
400
µVrms/V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com