Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM641521 Datasheet(PDF) 2 Page - Sharp Corporation

Part # LM641521
Description  Passive Matrix type LCD UNIT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LM641521 Datasheet(HTML) 2 Page - Sharp Corporation

  LM641521 Datasheet HTML 1Page - Sharp Corporation LM641521 Datasheet HTML 2Page - Sharp Corporation LM641521 Datasheet HTML 3Page - Sharp Corporation LM641521 Datasheet HTML 4Page - Sharp Corporation LM641521 Datasheet HTML 5Page - Sharp Corporation LM641521 Datasheet HTML 6Page - Sharp Corporation LM641521 Datasheet HTML 7Page - Sharp Corporation LM641521 Datasheet HTML 8Page - Sharp Corporation LM641521 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SPtC No.
mo del No.
||||
Pa ge
LC92517
LM641521
2
3. Mechanical Specifications
1# 1 Excluded PPC.
#2 Due to the characteristics of the LC material the colors varr
with environmental temperature.
#3 Positive-type display
Displayed data *H*: Dots ON : Black
Displayed data *L*: Dots off: White
4. Absolute MaximumRatings
4-L Electrical abso lute maximum rat ings
Parueter
Symbol
MIN.
MAX.
Unit
Remark
Sample voltage (Logic)
Vdd-Vss
0
6 0
V
Ta=25 C
Suppl y vo 1 ta ge (LCD drive)
Vdd-Vzz
0
30. 00
V
Ta=2 SC
Input vol tage
VIN
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com