Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM641521 Datasheet(PDF) 3 Page - Sharp Corporation

Part # LM641521
Description  Passive Matrix type LCD UNIT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LM641521 Datasheet(HTML) 3 Page - Sharp Corporation

  LM641521 Datasheet HTML 1Page - Sharp Corporation LM641521 Datasheet HTML 2Page - Sharp Corporation LM641521 Datasheet HTML 3Page - Sharp Corporation LM641521 Datasheet HTML 4Page - Sharp Corporation LM641521 Datasheet HTML 5Page - Sharp Corporation LM641521 Datasheet HTML 6Page - Sharp Corporation LM641521 Datasheet HTML 7Page - Sharp Corporation LM641521 Datasheet HTML 8Page - Sharp Corporation LM641521 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
WC No.
MODEL No.
PAGE
SHARP
LC92517
LM641521
3
4-2 Environmental Conditions
Table 3
I tem
Tstg
Topr
Remark
MIN.
Max.
Min. MAX.
Ambient temperatuer
-25 C
+60 C
0C +45C
Note 2
Humidi ty
Note
Note 1
No condensat ion
Vibration
Note 2
Note 2
3 directions (X/Y/Z)
Shock
Note 3
I
Note 3..
6 directions (+X+Y+Z)
Note
1) Ta<40 C. . . . .95% RH Max
Ta>40C
. . . ..Absolute humidity shall be less than Ta=40 C/95% RH.
Note
Frequency
I Vibratioo level
-
I 1. OG I
Vibration width
1
Interval
5Hz~500Hz~5Hz/26. 6min
2 hoars for each direction of X/Y/Z (6 hoars as total)
Note 3) Accerelation : 50G
Puls e width : 11ms
3 times for each direction of +X/+Y/+Z
Note 4) Care should be taken so that the LCD Unit maynot be subjected to the
temperature out of this specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com