Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM641521 Datasheet(PDF) 4 Page - Sharp Corporation

Part # LM641521
Description  Passive Matrix type LCD UNIT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LM641521 Datasheet(HTML) 4 Page - Sharp Corporation

  LM641521 Datasheet HTML 1Page - Sharp Corporation LM641521 Datasheet HTML 2Page - Sharp Corporation LM641521 Datasheet HTML 3Page - Sharp Corporation LM641521 Datasheet HTML 4Page - Sharp Corporation LM641521 Datasheet HTML 5Page - Sharp Corporation LM641521 Datasheet HTML 6Page - Sharp Corporation LM641521 Datasheet HTML 7Page - Sharp Corporation LM641521 Datasheet HTML 8Page - Sharp Corporation LM641521 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Spec No.
Model No.
PAGE
SHARP
LC92517
LM641521
4
5. Electrical Specifications
5-1 Electrical characteristics
Ta=25°C,Vdd=5V+ 5%
Input signal vol tage
Note 1) The viewing angle _
which the
is obtained
adjusting
to Fig.4 for the definition of
Note 2)
end
valaes are specified
the Hat
within the condition of operational
range
values are specified
the
voltage at
Note 3)
high frequency
Frame
=
pattern =
checker
pattern
5-2
S
DISP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com