Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1799CS5 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1799CS5
Description  1kHz to 30MHz Resistor Set SOT-23 Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1799CS5 Datasheet(HTML) 1 Page - Linear Technology

  LTC1799CS5 Datasheet HTML 1Page - Linear Technology LTC1799CS5 Datasheet HTML 2Page - Linear Technology LTC1799CS5 Datasheet HTML 3Page - Linear Technology LTC1799CS5 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LTC1799
1
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
One External Resistor Sets the Frequency
s
1kHz to 30MHz Frequency Range
s
SOT-23 Miniature Package
s
Frequency Error
≤1.5% 5kHz to 20MHz
(TA = 25°C)
s
Frequency Error
≤2% 5kHz to 20MHz
(TA = 0°C to 70°C)
s
±40ppm/°C Temperature Stability
s
0.05%/V Supply Stability
s
50%
±1% Duty Cycle 1kHz to 2MHz
s
50%
±5% Duty Cycle 2MHz to 20MHz
s
1mA Typical Supply Current
s
100
Ω CMOS Output Driver
s
Operates from a Single 2.7V to 5.5V Supply
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
1kHz to 30MHz
Resistor Set SOT-23 Oscillator
January 2001
Final Electrical Specifications
s
Low Cost Precision Oscillator
s
Charge Pump Driver
s
Switching Power Supply Clock Reference
s
Clocking Switched Capacitor Filters
s
Fixed Crystal Oscillator Replacement
s
Ceramic Oscillator Replacement
s
Small Footprint Replacement for Econ Oscillators
APPLICATIO S
The LTC
®1799 is a precision oscillator that is easy to use
and occupies very little PC board space. The oscillator
frequency is programmed by a single external resistor
(RSET). The LTC1799 has been designed for high accuracy
operation (
≤1.5% frequency error) without the need for
external trim components.
The LTC1799 operates with a single 2.7V to 5.5V power
supply and provides a rail-to-rail, 50% duty cycle square
wave output. The CMOS output driver ensures fast rise/fall
times and rail-to-rail switching. The frequency-setting
resistor can vary from 3.32k to 1M to select a master
oscillator frequency between 100kHz and 30MHz (5V
supply). The three-state DIV input determines whether the
master clock is divided by 1, 10 or 100 before driving the
output, providing three frequency ranges spanning 1kHz
to 30MHz (5V supply). The LTC1799 features a proprietary
feedback loop that linearizes the relationship between
RSET and frequency, eliminating the need for tables to
calculate frequency. The oscillator can be easily pro-
grammed using the simple formula outlined below:
V+
1
2
3
5
5kHz
≤ fOSC ≤ 20MHz
V+
V+
GND
5k
≤ RSET ≤ 200k
0.1
µF
1799 TA01
4
GND
LTC1799
SET
OUT
DIV
Hi-Z
÷10
÷100
÷10
25
20
15
10
5
0
–1.25
–0.75
–0.25 0 0.25
0.75
1.25
FREQUENCY ERROR (%)
1799 TA02
Basic Connection
Typical Distribution of Frequency Error, TA = 25°C
f
MHz
k
NR
NHi Z
OSC
SET
=•
•


=
=
=
=
+
10
10
100
10
1
,
,
,
,
DIV PIN
V
DIV PIN
-
DIV PIN
GND
SOT-23 Actual Size


Similar Part No. - LTC1799CS5

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LTC1799CS5#TRPBF LATTICE-LTC1799CS5#TRPBF Datasheet
3Mb / 23P
iCEblink40-LP1K Evaluation Kit
September 2012 Revision: EB75_01.1
logo
Analog Devices
LTC1799CS5TRMPBF AD-LTC1799CS5TRMPBF Datasheet
417Kb / 14P
1kHz to 33MHz Resistor Set SOT-23 Oscillator
Rev. E
LTC1799CS5TRPBF AD-LTC1799CS5TRPBF Datasheet
417Kb / 14P
1kHz to 33MHz Resistor Set SOT-23 Oscillator
Rev. E
More results

Similar Description - LTC1799CS5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6905 LINER-LTC6905 Datasheet
119Kb / 8P
17MHz to 170MHz Resistor Set SOT-23 Oscillator
LTC6900 LINER-LTC6900 Datasheet
187Kb / 12P
Low Power, 1kHz to 20MHz Resistor Set SOT-23 Oscillator
LTC6906 LINER-LTC6906 Datasheet
173Kb / 12P
Micropower, 10kHz to 1MHz Resistor Set Oscillator in SOT-23
LTC6907 LINER-LTC6907 Datasheet
170Kb / 12P
Micropower, 40kHz to 4MHz Resistor Set Oscillator in SOT-23
LTC6908-1 LINER-LTC6908-1 Datasheet
247Kb / 16P
Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
LTC6900 LINER-LTC6900_15 Datasheet
165Kb / 12P
Low Power, 1kHz to 20MHz Resistor Set SOT-23 Oscillator
LTC1799 LINER-LTC1799_15 Datasheet
242Kb / 14P
1kHz to 33MHz Resistor Set SOT-23 Oscillator
LTC6905 LINER-LTC6905_15 Datasheet
176Kb / 12P
17MHz to 170MHz Resistor Set SOT-23 Oscillator
LTC6906 LINER-LTC6906_15 Datasheet
174Kb / 14P
Micropower, 10kHz to 1MHz Resistor Set Oscillator in SOT-23
LTC6907 LINER-LTC6907_15 Datasheet
176Kb / 12P
Micropower, 40kHz to 4MHz Resistor Set Oscillator in SOT-23
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com