Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1799CS5 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1799CS5
Description  1kHz to 30MHz Resistor Set SOT-23 Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1799CS5 Datasheet(HTML) 4 Page - Linear Technology

  LTC1799CS5 Datasheet HTML 1Page - Linear Technology LTC1799CS5 Datasheet HTML 2Page - Linear Technology LTC1799CS5 Datasheet HTML 3Page - Linear Technology LTC1799CS5 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LTC1799
4
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
©LINEAR TECHNOLOGY CORPORATION 2001
1799i LT/TP 0101 2K • PRINTED IN USA
PACKAGE DESCRIPTIO
Dimensions in inches (millimeters) unless otherwise noted.
APPLICATIO S I FOR ATIO
Selecting the Divider Setting and Resistor
The LTC1799’s master oscillator has a frequency range
spanning 0.1MHz to 30MHz. However, accuracy may
suffer if the master oscillator is operated at greater than
10MHz with a supply voltage lower than 4V. A program-
mable divider extends the frequency range to greater than
three decades. Table 1 describes the recommended fre-
quencies for each divider setting. Note that the ranges
overlap; at some frequencies there are two divider/resistor
combinations that result in the desired frequency.
In general, any given oscillator frequency (fOSC) should be
obtained using the lowest master oscillator frequency.
Lower master oscillator frequencies use less power and
are more accuate. For instance, fOSC = 100kHz can be
obtained by either RSET = 10k, N = 100, master oscillator
= 10MHz or RSET = 100k, N = 10, master oscillator = 1MHz.
The RSET = 100k is preferred for lower power and better
accuracy.
Table 1. Frequency Range vs Divider Setting
DIVIDER SETTING
FREQUENCY RANGE
÷1
⇒
DIV (Pin 4) = GND
> 500kHz*
÷10
⇒
DIV (Pin 4) = Floating
50kHz to 1MHz
÷100 ⇒
DIV (Pin 4) = V+
< 100kHz
*At master oscillator frequencies greater than 10MHz (RSET < 10kΩ), the
LTC1799 may suffer reduced accuracy with a supply voltage less than 4V.
After choosing the proper divider setting, determine the
correct frequency-setting resistor. Because of the linear
correspondence between oscillation period and resis-
tance, a simple equation relates resistance with frequency.
RSET = 10k • [10MHz/(N • fOSC)], N = 1, 10, 100
(RSETMIN = 3.32k (5V Supply), 5k (3V Supply),
RSETMAX = 1M)
Any resistor, RSET, tolerance adds to the inaccuracy of the
oscillator, fOSC.
Settling Time
The settling time is proportional to RSET and is approxi-
mately tSETTLE ≈ RSET • (5µs/kΩ). This parameter is
guaranteed by design and not 100% tested.
1.50 – 1.75
(0.059 – 0.069)
0.35 – 0.55
(0.014 – 0.022)
0.35 – 0.50
(0.014 – 0.020)
FIVE PLACES (NOTE 2)
S5 SOT-23 0599
0.90 – 1.45
(0.035 – 0.057)
0.90 – 1.30
(0.035 – 0.051)
0.00 – 0.15
(0.00 – 0.006)
0.09 – 0.20
(0.004 – 0.008)
(NOTE 2)
2.60 – 3.00
(0.102 – 0.118)
NOTE:
1. DIMENSIONS ARE IN MILLIMETERS
2. DIMENSIONS ARE INCLUSIVE OF PLATING
3. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR
4. MOLD FLASH SHALL NOT EXCEED 0.254mm
5. PACKAGE EIAJ REFERENCE IS SC-74A (EIAJ)
0.95
(0.037)
REF
2.80 – 3.00
(0.110 – 0.118)
(NOTE 3)
1.90
(0.074)
REF
S5 Package
5-Lead Plastic SOT-23
(LTC DWG # 05-08-1633)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com