Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1799CS5 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1799CS5
Description  1kHz to 30MHz Resistor Set SOT-23 Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1799CS5 Datasheet(HTML) 3 Page - Linear Technology

  LTC1799CS5 Datasheet HTML 1Page - Linear Technology LTC1799CS5 Datasheet HTML 2Page - Linear Technology LTC1799CS5 Datasheet HTML 3Page - Linear Technology LTC1799CS5 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LTC1799
3
VOH
High Level Output Voltage
V+ = 5V
IOH = – 1mA
q
4.8
4.95
V
IOH = – 4mA
q
4.5
4.8
V
V+ = 3V
IOH = – 1mA
q
2.7
2.9
V
IOH = – 4mA
q
2.2
2.6
V
VOL
Low Level Output Voltage
V+ = 5V
IOL = 1mA
q
0.05
0.15
V
IOL = 4mA
q
0.2
0.4
V
V+ = 3V
IOL = 1mA
q
0.1
0.3
V
IOL = 4mA
q
0.4
0.7
V
tr
OUT Rise Time
V+ = 5V
Pin 4 = V+ or Floating, RL = 0
14
ns
(Note 5)
Pin 4 = 0V, RL = 0
7
ns
V+ = 3V
Pin 4 = V+ or Floating, RL = 0
19
ns
Pin 4 = 0V, RL = 0
11
ns
tf
OUT Fall Time
V+ = 5V
Pin 4 = V+ or Floating, RL = 0
13
ns
(Note 5)
Pin 4 = 0V, RL = 0
6
ns
V+ = 3V
Pin 4 = V+ or Floating, RL = 0
19
ns
Pin 4 = 0V, RL = 0
10
ns
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 2.7V to 5.5V, RL=5k, CL = 5pF, Pin 4 = V+ unless otherwise noted.
All voltages are with respect to GND.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: Frequencies near 100kHz and 1MHz may be generated using two
different values of RSET (see the Table 1 in the Applications Information
section). For these frequencies, the error is specified under the following
assumption: 10k < RSET ≤ 100k.
Note 3: Frequency error (defined as the deviation from the fOSC equation)
includes drift over temperature and over supply.
Note 4: Jitter is the ratio of the peak-to-peak distribution of the period to
the mean of the period. This specification is based on characterization and
is not 100% tested.
Note 5: Output rise and fall times are measured between the 10% and
90% power supply levels. These specifications are based on
characterization.
V+ (Pin 1): Voltage Supply (2.7V
≤ V+ ≤ 5.5V). This supply
must be kept free from noise and ripple. It should be
bypassed directly to a ground plane.
GND (Pin 2): Ground. Should be tied to a ground plane for
best performance.
SET (Pin 3): Frequency-Setting Resistor Input. The value
of the resistor connected between this pin and V+ deter-
mines the oscillator frequency. The voltage on this pin is
held by the LTC1799 to approximately 1.1V below the V+
voltage. For best performance, use a precision metal film
resistor with a value between 10k and 200k and limit the
capacitance on this pin to less than 2pF.
DIV (Pin 4): Divider-Setting Input. This three-state input
selects among three divider settings, determining the
value of N in the frequency equation. Pin 4 should be tied
PI FU CTIO S
to GND for the
÷1 setting, the highest frequency range.
Floating Pin 4 divides the master oscillator by 10. Pin 4
should be tied to V+ for the
÷100 setting, the lowest
frequency range. To detect a floating DIV pin, the LTC1799
attempts to pull the pin toward midsupply. Therefore,
driving the DIV pin high requires sourcing approximately
5
µA. Likewise, driving DIV low requires sinking 5µA.
When floated, the DIV pin will be held near midsupply by
these current sources. When it is floated, it is recom-
mended that the DIV pin be bypassed by a 1nF capacitor
or surrounded by a ground shield to prevent excessive
coupling from other PCB traces.
OUT (Pin 5): Oscillator Output. This pin can easily drive
5k
Ω or 10pF loads. Larger loads may cause inaccuracies
due to supply bounce at high frequencies.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com