Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL95310 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL95310
Description  Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 0V to 13.2V, 128 Taps Up/Down Interface
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL95310 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL95310 Datasheet HTML 1Page - Renesas Technology Corp ISL95310 Datasheet HTML 2Page - Renesas Technology Corp ISL95310 Datasheet HTML 3Page - Renesas Technology Corp ISL95310 Datasheet HTML 4Page - Renesas Technology Corp ISL95310 Datasheet HTML 5Page - Renesas Technology Corp ISL95310 Datasheet HTML 6Page - Renesas Technology Corp ISL95310 Datasheet HTML 7Page - Renesas Technology Corp ISL95310 Datasheet HTML 8Page - Renesas Technology Corp ISL95310 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ISL95310
FN8083 Rev 1.00
Page 4 of 9
August 27, 2015
Operating Specifications Over the recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 1)
MAX
UNIT
ICC1
VCC supply current, volatile write/read CS = VIL, U/D = VIL or VIH and INC = 0.4V/2.4V
min; tCYC RL, RH, RW not connected
1mA
ICC2
VCC supply current, nonvolatile write CS = VIL, U/D = VIL or VIH and INC = 0.4V/2.4V
min; tCYC RL, RH, RW not connected
3mA
ISB
VCC current, standby
VCC = +5.5V, 2-wire interface in standby state
5
µA
VCC = +3.6V, 2-wire interface in standby state
2
µA
IV+
V+ bias current
V+ = 13.2V; VCC = +5.5V
1
µA
ILkgDig
Leakage current, at pins INC, CS,
U/D, A0, and A1 pins
Voltage at pin from GND to VCC
-10
10
µA
ILI
CS input leakage current
VIN = VCC
±1
µA
VCC = 3V, CS = 0
60
100
150
µA
VCC = 5V, CS = 0
120
200
250
µA
IV+
V+ bias current
V+ = 13.2V; VCC = +5.5V
1
µA
tDCP
(Note 13)
DCP wiper response time
INC falling edge of last bit of DCP data byte to
wiper change
1µs
Vpor
(Note 13)
Power-on recall voltage
Minimum VCC at which memory recall occurs
1.8
2.6
V
VCC Ramp
(Note 13)
VCC ramp rate
0.2
V/ms
tD
(Note 13)
Power up delay
VCC above Vpor, to DCP initial value register
recall completed, and 2-wire Interface in standby
state
3ms
EEPROM SPECS
EEPROM endurance
150,000
Cycles
EEPROM retention
Temperature
 75°C
50
Years
SERIAL INTERFACE SPECS
VIL
INC, CS, and U/D
-0.3
0.3*
VCC
V
VIH
INC, CS, and U/D
0.7*
VCC
VCC+
0.3
V
Hysteresis
(Note 13)
INC, CS, and U/D input buffer
hysteresis
0.05*
VCC
V
Cpin
(Note 13)
INC, CS, and U/D pin capacitance
10
pF
AC Electrical Specifications
VCC = 5V ±10%, TA = Full Operating Temperature Range unless otherwise stated
SYMBOL
PARAMETER
MIN
TYP
(Note 4)
MAX
UNIT
tCl
CS to INC setup
100
ns
tlD (Note 13)
INC HIGH to U/D change
100
ns
tDI (Note 13)
U/D to INC setup
1
µs
tlL
INC LOW period
1
µs
tlH
INC HIGH period
1
µs
tlC
INC inactive to CS inactive
1
µs



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com