Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL95310 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL95310
Description  Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 0V to 13.2V, 128 Taps Up/Down Interface
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL95310 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL95310 Datasheet HTML 1Page - Renesas Technology Corp ISL95310 Datasheet HTML 2Page - Renesas Technology Corp ISL95310 Datasheet HTML 3Page - Renesas Technology Corp ISL95310 Datasheet HTML 4Page - Renesas Technology Corp ISL95310 Datasheet HTML 5Page - Renesas Technology Corp ISL95310 Datasheet HTML 6Page - Renesas Technology Corp ISL95310 Datasheet HTML 7Page - Renesas Technology Corp ISL95310 Datasheet HTML 8Page - Renesas Technology Corp ISL95310 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FN8083 Rev 1.00
Page 1 of 9
August 27, 2015
FN8083
Rev 1.00
August 27, 2015
ISL95310
Digitally Controlled Potentiometer (XDCP™), Terminal Voltage 0V to 13.2V,
128 Taps Up/Down Interface
DATASHEET
The Intersil ISL95310 is a digitally controlled potentiometer
(XDCP). The device consists of a resistor array, wiper
switches, a control section, and nonvolatile memory. The
wiper position is controlled by an Up/Down interface.
The potentiometer is implemented by a resistor array
composed of 127 resistive elements and a wiper switching
network. Between each element and at either end are tap
points accessible to the wiper terminal. The wiper of each
potentiometer has an associated volatile Wiper Counter
Register (WR) and a non-volatile Initial Value Register (IVR)
that can be directly written to and read by the user. The
contents of the WR controls the position of the wiper on the
resistor array through the switches. At power-up, the device
recalls the contents of the default data registers to the
corresponding WR. The position of the wiper element is
controlled by the CS, U/D, and INC inputs. The position of
the wiper can be stored in nonvolatile memory and then be
recalled upon a subsequent power-up operation.
The device can be used as a three-terminal potentiometer or
as a two-terminal variable resistor in a wide variety of
applications including:
• LCD contrast control
• Parameter and bias adjustments
• Mechanical potentiometer replacement
• Industrial and automotive control
Features
• Non-volatile solid-state potentiometer
• Up/down interface with chip select enable
• DCP terminal voltage, 0 to +13.2V
• 128 wiper tap points - 0.8% resolution
- Wiper position stored in nonvolatile memory and
recalled on power-up
• 127 resistive elements
- Temperature compensated
- Low wiper resistance 70
 typical @ 3.3V
• Low power CMOS
- Standby current, 2µA at VCC = +3.6V
• High reliability
- Endurance, 200,000 data changes per bit
- Register data retention 50 years @ T
 75°C
•RTOTAL values = 10k50k
• 10-lead MSOP package
- Pb-free plus anneal available (RoHS compliant)
Pinout
ISL95310
(10 LD MSOP)
TOP VIEW
Ordering Information
PART NUMBER
RESISTANCE
OPTION
(
)
TEMP
RANGE
(°C)
PACKAGE
(RoHS
Compliant)
ISL95310WIU10Z
(See Note) (No longer
available, recommended
replacement:
ISL95310UIU10Z-TK)
10K
-40 to +85 10 Ld MSOP
ISL95310UIU10Z
(See Note)
50K
-40 to +85 10 Ld MSOP
Add “-TK” suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
VCC
INC
U/D
GND
1
2
3
4
10
9
8
7
RH
RW
NC
V+
5
RL
6
CS


Similar Part No. - ISL95310

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL95310 INTERSIL-ISL95310 Datasheet
135Kb / 8P
Terminal Voltage 0V to 13.2V, 128 Taps Up/Down Interface
May 6, 2005
ISL95310 INTERSIL-ISL95310 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
ISL95310UIU10Z INTERSIL-ISL95310UIU10Z Datasheet
135Kb / 8P
Terminal Voltage 0V to 13.2V, 128 Taps Up/Down Interface
May 6, 2005
ISL95310WIU10Z INTERSIL-ISL95310WIU10Z Datasheet
135Kb / 8P
Terminal Voltage 0V to 13.2V, 128 Taps Up/Down Interface
May 6, 2005
More results

Similar Description - ISL95310

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL95310 INTERSIL-ISL95310 Datasheet
135Kb / 8P
Terminal Voltage 0V to 13.2V, 128 Taps Up/Down Interface
May 6, 2005
ISL95311 INTERSIL-ISL95311 Datasheet
259Kb / 11P
Terminal Voltage 0V to 13.2V, 128 Taps I2C Interface
February 6, 2008
ISL23318 INTERSIL-ISL23318 Datasheet
727Kb / 19P
Single, 128-taps Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23318TFUZ INTERSIL-ISL23318TFUZ Datasheet
725Kb / 19P
Single, 128-taps Low Voltage Digitally Controlled Potentiometer (XDCP??
July 26, 2011
logo
Renesas Technology Corp
ISL23318 RENESAS-ISL23318 Datasheet
1,010Kb / 19P
Single, 128-taps Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23710 RENESAS-ISL23710 Datasheet
428Kb / 8P
Volatile Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹3V or 짹5V, 128 Taps Up/Down Interface
ISL23711 RENESAS-ISL23711 Datasheet
510Kb / 10P
Volatile Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹3V or 짹5V, 128 Taps I2C Serial Interface
ISL95311 RENESAS-ISL95311 Datasheet
588Kb / 12P
Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 0V to 13.2V, 128 Taps I2C Interface
ISL95710 RENESAS-ISL95710 Datasheet
711Kb / 10P
Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 짹2.7V to 짹5V, 128 Taps, Up/Down Interface
ISL95711 RENESAS-ISL95711 Datasheet
871Kb / 14P
Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 짹2.7V or 짹5V, 128 Taps I2C Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com