Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL95310 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL95310
Description  Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 0V to 13.2V, 128 Taps Up/Down Interface
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL95310 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL95310 Datasheet HTML 1Page - Renesas Technology Corp ISL95310 Datasheet HTML 2Page - Renesas Technology Corp ISL95310 Datasheet HTML 3Page - Renesas Technology Corp ISL95310 Datasheet HTML 4Page - Renesas Technology Corp ISL95310 Datasheet HTML 5Page - Renesas Technology Corp ISL95310 Datasheet HTML 6Page - Renesas Technology Corp ISL95310 Datasheet HTML 7Page - Renesas Technology Corp ISL95310 Datasheet HTML 8Page - Renesas Technology Corp ISL95310 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ISL95310
FN8083 Rev 1.00
Page 2 of 9
August 27, 2015
Block Diagram
7-BIT
UP/DOWN
COUNTER
7-BIT
NONVOLATILE
MEMORY
STORE AND
RECALL
CONTROL
CIRCUITRY
ONE
OF
128
DECODER
RESISTOR
ARRAY
RH
U/D
INC
CS
TRANSFER
GATES
RL
RW
CONTROL
AND
MEMORY
Up/Down
(U/D)
Increment
(INC)
Device Select
(CS)
V+
GND
RH
RW
RL
SIMPLE BLOCK DIAGRAM
DETAILED BLOCK DIAGRAM
0
1
2
124
125
126
127
VCC
Pin Descriptions
PIN NUMBER
SYMBOL
DESCRIPTION
1U/D
Controls the direction of wiper movement and whether the counter is incremented or decremented
2
GND
Ground
3VCC
Positive logic supply voltage
4CS
Chip select; the device is selected when the CS input is LOW; also used to initiate a nonvolatile store
5
NC
No connect; pin is to be left unconnected
6RH
A fixed terminal for one end of the potentiometer resistor
7RW
The wiper terminal which is equivalent to the movable terminal of a potentiometer
8RL
A fixed terminal for one end of the potentiometer resistor
9
V+
Positive bias voltage for the potentiometer wiper control
10
INC
Increment input; negative edge triggered



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com