Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS115B0LD Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLS115B0LD
Description  High Precision Voltage Tracker
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS115B0LD Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLS115B0LD Datasheet HTML 5Page - Infineon Technologies AG TLS115B0LD Datasheet HTML 6Page - Infineon Technologies AG TLS115B0LD Datasheet HTML 7Page - Infineon Technologies AG TLS115B0LD Datasheet HTML 8Page - Infineon Technologies AG TLS115B0LD Datasheet HTML 9Page - Infineon Technologies AG TLS115B0LD Datasheet HTML 10Page - Infineon Technologies AG TLS115B0LD Datasheet HTML 11Page - Infineon Technologies AG TLS115B0LD Datasheet HTML 12Page - Infineon Technologies AG TLS115B0LD Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
TLS115B0
High Precision Voltage Tracker
General product characteristics
Data Sheet
9
Rev. 1.00
2016-10-13
Table 4
Thermal resistance TLS115B0LD in PG-TSON-10 package
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Junction to case1)
1) Not subject to production test, specified by design.
RthJC
–
17
–
K/W
–
P_3.3.7
Junction to pin1)
RthJP
–
96
–
K/W
–
P_3.3.8
Junction to ambient1)
RthJA
–67
–
K/W
2s2p board2)
2) Specified RthJA value is according to Jedec JESD51-2,-5,-7 at natural convection on FR4 2s2p board; The product (chip
and package) was simulated on a 76.2 × 114.3 × 1.5 mm3 board with 2 inner copper layers (2×70µm Cu, 2×35µm Cu).
Where applicable a thermal via array under the exposed pad contacted the first inner copper layer.
P_3.3.9
Junction to ambient1)
RthJA
–
194
–
K/W
1s0p board, footprint
only3)
3) Specified RthJA value is according to JEDEC JESD 51-3 at natural convection on FR4 1s0p board; The product (chip and
package) was simulated on a 76.2×114.3×1.5 mm3 board with 1 copper layer (1 x 70 µm Cu).
P_3.3.10
Junction to ambient1)
RthJA
–
82
–
K/W
1s0p board, 300 mm2
heatsink area on PCB3)
P_3.3.11
Junction to ambient1)
RthJA
–
68
–
K/W
1s0p board, 600 mm2
heatsink area on PCB3)
P_3.3.12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com