Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS115B0LD Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLS115B0LD
Description  High Precision Voltage Tracker
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS115B0LD Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLS115B0LD Datasheet HTML 17Page - Infineon Technologies AG TLS115B0LD Datasheet HTML 18Page - Infineon Technologies AG TLS115B0LD Datasheet HTML 19Page - Infineon Technologies AG TLS115B0LD Datasheet HTML 20Page - Infineon Technologies AG TLS115B0LD Datasheet HTML 21Page - Infineon Technologies AG TLS115B0LD Datasheet HTML 22Page - Infineon Technologies AG TLS115B0LD Datasheet HTML 23Page - Infineon Technologies AG TLS115B0LD Datasheet HTML 24Page - Infineon Technologies AG TLS115B0LD Datasheet HTML 25Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
TLS115B0
High Precision Voltage Tracker
Application information
Data Sheet
21
Rev. 1.00
2016-10-13
Ta = 75°C
Calculation of RthJA,max:
PD =(VIN – VOUT) x IOUT + VIN x Iq
= (13.5V – 5V) x 100 mA + 13.5 V x 3.5 mA
= 0.897 W
RthJA,max =(Tj,max – Ta) / PD
= (150°C – 75°C) / 0.897 W
= 83.61 K/W
As a result, the PCB design must ensure a thermal resistance RthJA lower than 83.61 K/W. According to
“Thermal resistance” on Page 8, at least 300 mm² heatsink area is required on the FR4 1s0p PCB, or the FR4
2s2p board can be used.
5.4
Further application information
• For further information you may contact http://www.infineon.com/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com