Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS115B0LD Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLS115B0LD
Description  High Precision Voltage Tracker
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS115B0LD Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLS115B0LD Datasheet HTML 9Page - Infineon Technologies AG TLS115B0LD Datasheet HTML 10Page - Infineon Technologies AG TLS115B0LD Datasheet HTML 11Page - Infineon Technologies AG TLS115B0LD Datasheet HTML 12Page - Infineon Technologies AG TLS115B0LD Datasheet HTML 13Page - Infineon Technologies AG TLS115B0LD Datasheet HTML 14Page - Infineon Technologies AG TLS115B0LD Datasheet HTML 15Page - Infineon Technologies AG TLS115B0LD Datasheet HTML 16Page - Infineon Technologies AG TLS115B0LD Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
TLS115B0
High Precision Voltage Tracker
Block description and electrical characteristics
Data Sheet
13
Rev. 1.00
2016-10-13
Load regulation ΔVOUT,load vs.
output current IOUT
Line regulation ΔVOUT,line vs.
input voltage VIN
Dropout voltage Vdr vs.
junction temperature Tj
Dropout voltage Vdr vs.
output current IOUT
0
50
100
150
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
I
OUT
[mA]
V
IN
= 13.5V
T
j
= −40
°C
T
j
= 25
°C
T
j
= 150
°C
5
10
15
20
25
30
35
40
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
V
IN
[V]
I
OUT
= 10 mA
T
j
= −40
°C
T
j
= 25
°C
T
j
= 150
°C
0
50
100
150
0
50
100
150
200
250
300
350
400
450
T
j
[
°C]
V
IN
= 13.5V
I
OUT
= 1 mA
I
OUT
= 50 mA
I
OUT
= 150 mA
0
50
100
150
0
50
100
150
200
250
300
350
400
450
I
OUT
[mA]
V
IN
= 13.5V
T
j
= −40
°C
T
j
= 25
°C
T
j
= 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com