Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS115D0EJ Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLS115D0EJ
Description  High Precision Voltage Tracker
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS115D0EJ Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLS115D0EJ Datasheet HTML 18Page - Infineon Technologies AG TLS115D0EJ Datasheet HTML 19Page - Infineon Technologies AG TLS115D0EJ Datasheet HTML 20Page - Infineon Technologies AG TLS115D0EJ Datasheet HTML 21Page - Infineon Technologies AG TLS115D0EJ Datasheet HTML 22Page - Infineon Technologies AG TLS115D0EJ Datasheet HTML 23Page - Infineon Technologies AG TLS115D0EJ Datasheet HTML 24Page - Infineon Technologies AG TLS115D0EJ Datasheet HTML 25Page - Infineon Technologies AG TLS115D0EJ Datasheet HTML 26Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
TLS115D0
High Precision Voltage Tracker
Application information
Data Sheet
22
Rev. 1.00
2016-10-13
Based on the above calculation the proper PCB type and the necessary heat sink area can be determined with
reference to the specification in “Thermal resistance” on Page 8.
Example
Application conditions:
VIN = 13.5 V
VOUT = VADJ =5V
IOUT =100 mA
Ta = 75°C
Calculation of RthJA,max:
PD =(VIN – VOUT) x IOUT + VIN x Iq
= (13.5V – 5V) x 100 mA + 13.5 V x 3.5 mA
= 0.897 W
RthJA,max =(Tj,max – Ta) / PD
= (150°C – 75°C) / 0.897 W
= 83.61 K/W
As a result, the PCB design must ensure a thermal resistance RthJA lower than 83.61 K/W. According to
“Thermal resistance” on Page 8, at least 300 mm² heatsink area is required on the FR4 1s0p PCB, or the FR4
2s2p board can be used.
5.4
Further application information
• For further information you may contact http://www.infineon.com/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com